Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPRL1103MF-36 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPRL1103MF-36
Description  Medical AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL1103MF-36 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPRL1103MF-36 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL1103MF-36 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL1103MF-36 Datasheet HTML 3Page - Wall Industries,Inc. PSPRL1103MF-36 Datasheet HTML 4Page - Wall Industries,Inc. PSPRL1103MF-36 Datasheet HTML 5Page - Wall Industries,Inc. PSPRL1103MF-36 Datasheet HTML 6Page - Wall Industries,Inc. PSPRL1103MF-36 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/22/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 7
DATASHEET
Rev. A
PSPRL1103M SERIES
90~264VAC Input Voltage Range
150W Convection Cooling, 300W with Forced Air
PFC, Single Outputs
U-Chassis & Enclosed with Built-in Fan Options
Medical AC/DC Switching Power Supplies
FEATURES
 RoHS Compliant
 High Quality & Reliable Component Usage
 Variable Fan Speed & Low Acoustical Noise
 90~264VAC Input Voltage Range
 Output Voltages Available from 12~52VDC
 Power Factor Corrected to EN61000-3-2 Class D
 MTBF: 100,000 Hours (MIL-HDBK-217F)
 Compact 300W with 1U Height Power Density: 12.5 Watts/cu in
 Providing Peak Power 600W within 500µs Duty Duration
 U-Chassis and Enclosed with Built-in Fan Mechanical Options
 Short Circuit, Over Power, Over Voltage, and Over Temperature
Protection
 UL60601-1, EN60601-1, IEC60601-1 (3rd Edition) Medical
Approvals
DESCRIPTION
The PSPRL1103M series of medical AC/DC switching power supplies offers up to 300 Watts of output power. This series
consists of single output models with PFC corrected to EN61000-3-2 Class D and a 90~264VAC input voltage range. These
supplies also have short circuit, over voltage, over power, and over temperature protection. Models are available in U-
Chassis (Type U), enclosed with rear-side built-in fan (Type E), and enclosed with top-side built-in fan (Type F) designs.
This series has UL60601-1, EN60601-1, and IEC60601-1 (3rd Edition) medical approvals. All models in this series are
RoHS compliant.
MEDICAL
U Type
E Type
F Type


Similar Part No. - PSPRL1103MF-36

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL0602D WALL-PSPRL0602D Datasheet
328Kb / 4P
   AC/DC Switching Power Supply
PSPRL0602N WALL-PSPRL0602N Datasheet
774Kb / 8P
   AC/DC Switching Power Supplies
PSPRL0801 WALL-PSPRL0801 Datasheet
496Kb / 5P
   AC/DC Switching Power Supplies
PSPRL0801D WALL-PSPRL0801D Datasheet
687Kb / 6P
   AC/DC Switching Power Supply
PSPRL0801Dx-0512 WALL-PSPRL0801Dx-0512 Datasheet
687Kb / 6P
   AC/DC Switching Power Supply
More results

Similar Description - PSPRL1103MF-36

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
   Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
   Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
   Medical AC/DC Switching Power Supplies
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME05 WALL-PSME05 Datasheet
194Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
   40 Watt Medical AC - DC Switching Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com