Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPRL0602N Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPRL0602N
Description  AC/DC Switching Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0602N Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPRL0602N Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0602N Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0602N Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0602N Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0602N Datasheet HTML 5Page - Wall Industries,Inc. PSPRL0602N Datasheet HTML 6Page - Wall Industries,Inc. PSPRL0602N Datasheet HTML 7Page - Wall Industries,Inc. PSPRL0602N Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Wall Industries, Inc.
Rev A
PSPRL0602N SERIES
220~400 Watts, AC/DC Switching Power Supplies
03/14/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 8
MECHANICAL DRAWINGS
U-Chassis (Suffix “U”)
Unit: mm [inches]
I/O CONNECTOR PIN ASSIGNMENTS
Input and Output Connectors (CN2):
Terminal block – Howder Part No. HD-121-7P or Mating Molex Part No. 09-91-1600 (16 pins)
Molex - Mating JST VH series. Input 5 pin connector (3 pin used, pin 2 & pin 4 removed),
PCB Labeling: L=Line; N=Neutral; G=Chassis Ground. Output 10 pin connector.
CN2 PIN CONNECTIONS
CN2 PIN CONNECTIONS
Howder
Molex
Pin
Assignment
Pin
Assignment
1~2
V+
1~5
V+
3~4
V-
6~10
V-
5
GND
12
GND
6
Neutral
14
Neutral
7
Line
16
Line
Mounting Inserts: 6 Places M4X0.7. Maximum penetration 4mm
Logic Signal Connector (CN1):
Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 for AWG 30 to 26.
CN1 PIN CONNECTIONS
Pin
Assignment
1
PG
2
RTN
3
FF
4
INH
Fan Driver Connector (FAN1):
12VDC/300mA is available to drive an external fan. Mating connector JST
P/N XHP-2 (2 pins 0.98 pitch), equivalent (CHYAO SHIUNN JS-2001-02).


Similar Part No. - PSPRL0602N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL0602D WALL-PSPRL0602D Datasheet
328Kb / 4P
   AC/DC Switching Power Supply
More results

Similar Description - PSPRL0602N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com