Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288032A6 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HB288032A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288032A6 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HB288032A6 Datasheet HTML 1Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 2Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 3Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 4Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 5Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 6Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 7Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 8Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
5
Card Pin Explanation
Signal name
Direction Pin No.
Description
A10 to A0
(PC Card Memory mode)
I
8, 11, 12, 22, 23,
24, 25, 26, 27,
28, 29
Address bus is A10 to A0. A10 is MSB and A0 is
LSB.
A10 to A0
(PC Card I/O mode)
A2 to A0
(True IDE mode)
27, 28, 29
Address bus is A10 to A0. Only A2 to A0 are used,
A10 to A3 should be grounded by the host.
BVD1
(PC Card Memory mode)
I/O
63
BVD1 outputs the battery voltage status in the card.
This output line is constantly driven to a high state
since a battery is not required for this product.
-STSCHG
(PC Card I/O mode)
-STSCHG is used for changing the status of
Configuration and status register in attribute area.
-PDIAG
(True IDE mode)
-PDIAG is the Pass Diagnostic signal in Master/Slave
handshake protocol.
BVD2
(PC Card Memory mode)
I/O
62
BVD2 outputs the battery voltage status in the card.
This output line is constantly driven to a high state
since a battery is not required for this product.
-SPKR
(PC Card I/O mode)
-SPKR outputs speaker signals. This output line is
constantly driven to a high state since this product
does not support the audio function.
-DASP
(True IDE mode)
-DASP is the Disk Active/Slave Present signal in the
Master/Slave handshake protocol.
-CD1, -CD2
(PC Card Memory mode)
O
36, 67
-CD1 and -CD2 are the card detection signals. -CD1
and -CD2 are connected to ground in this card, so
host can detect that the card is inserted or not.
-CD1, -CD2
(PC Card I/O mode)
-CD1, -CD2
(True IDE mode)
-CE1, -CE2
(PC Card Memory mode)
Card Enable
I
7, 42
-CE1 and -CE2 are low active card select signals.
Byte/Word/Odd byte mode are defined by combination
of -CE1, -CE2 and A0.
-CE1, -CE2
(PC Card I/O mode)
Card Enable
-CE1, -CE2
(True IDE mode)
-CE2 is used for select the Alternate Status Register
and the Device Control Register while -CE1 is the chip
select for the other task file registers.


Similar Part No. - HB288032A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032A5 HITACHI-HB288032A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288032A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com