Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSHF320W Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSHF320W
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHF320W Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSHF320W Datasheet HTML 1Page - Wall Industries,Inc. PSHF320W Datasheet HTML 2Page - Wall Industries,Inc. PSHF320W Datasheet HTML 3Page - Wall Industries,Inc. PSHF320W Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B
PSHF320W Series
Universal Input Voltage
Up to 322 Watts, Single Outputs
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/04/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: PSHF320W SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
85
264
VAC
Input Voltage Range
DC input voltage range
120
370
VDC
At 115VAC
20
Inrush Current
At 230VAC
Cold start
40
A
Input Frequency
47
63
Hz
At 115VAC
0.98
Power Factor
At 230VAC
0.95
VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Adjustment Range
-10
+10
%
Line Regulation
Full load
-0.5
+0.5
%
Load Regulation
0.5
%
Output Current
See Table
Output Power
See Table
Ripple & Noise
See Table
Rise Time
Full load
50
ms
Hold-up Time
Full load
20
ms
PROTECTION
Over Current Protection
110
130
%
Over Voltage Protection
115
150
%
Short Circuit Protection
Yes
Over Temperature Protection
Yes
GENERAL SPECIFICATIONS
Efficiency
See Table
Input to Output
3000
Input to FG
1500
Withstand Voltage
Output to FG
All for 1 minute
500
VAC
Leakage Current
At 230VAC
0.7
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-10
+50
°C
Operating Humidity
non-condensing
20
93
% RH
Storage Temperature
-20
+85
°C
Storage Humidity
non-condensing
20
95
% RH
Cooling Method
fan
PHYSICAL SPECIFICATIONS
Weight
2.34 lbs (1060g)
Dimensions (L x W x H)
8.46 x 4.53 x 1.97 inches
(215 x 115 x 50 mm)
SAFETY & EMC CHARACTERISTICS
Safety Standards
UL60950, EN60950, GB4943
EMC Standards
GB9254, EN55022 Class B, EN61000-3-2,3, EN61000-4-2,3,4,5,6,8,11


Similar Part No. - PSHF320W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W-SE-12 WALL-PSHF35W-SE-12 Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W-SE-15 WALL-PSHF35W-SE-15 Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W-SE-24 WALL-PSHF35W-SE-24 Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W-SE-48 WALL-PSHF35W-SE-48 Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
More results

Similar Description - PSHF320W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com