Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAQF120U-3.3S Datasheet(PDF) 10 Page - Wall Industries,Inc.

Part # PSAQF120U-3.3S
Description  AC/DC Switching Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF120U-3.3S Datasheet(HTML) 10 Page - Wall Industries,Inc.

Back Button PSAQF120U-3.3S Datasheet HTML 2Page - Wall Industries,Inc. PSAQF120U-3.3S Datasheet HTML 3Page - Wall Industries,Inc. PSAQF120U-3.3S Datasheet HTML 4Page - Wall Industries,Inc. PSAQF120U-3.3S Datasheet HTML 5Page - Wall Industries,Inc. PSAQF120U-3.3S Datasheet HTML 6Page - Wall Industries,Inc. PSAQF120U-3.3S Datasheet HTML 7Page - Wall Industries,Inc. PSAQF120U-3.3S Datasheet HTML 8Page - Wall Industries,Inc. PSAQF120U-3.3S Datasheet HTML 9Page - Wall Industries,Inc. PSAQF120U-3.3S Datasheet HTML 10Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Rev. A
PSAQF120 Series
Single Output, PFC Function
120W, 180W with 18CFM Fan
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/04/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 10 of 10
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss
your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - PSAQF120U-3.3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF100O WALL-PSAQF100O Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-12S WALL-PSAQF100O-12S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-15S WALL-PSAQF100O-15S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-24S WALL-PSAQF100O-24S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-48S WALL-PSAQF100O-48S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAQF120U-3.3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com