Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSGE-100-12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSGE-100-12
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSGE-100-12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSGE-100-12 Datasheet HTML 1Page - Wall Industries,Inc. PSGE-100-12 Datasheet HTML 2Page - Wall Industries,Inc. PSGE-100-12 Datasheet HTML 3Page - Wall Industries,Inc. PSGE-100-12 Datasheet HTML 4Page - Wall Industries,Inc. PSGE-100-12 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. D
PSGE100 Series
Single Output
Up to 110 Watts
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/08/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: PSGE100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
88 ~ 264VAC
125 ~ 373VDC
(Withstand 300VAC surge for 5 seconds without damage)
Input Frequency
50Hz / 60Hz
AC Current
2.5A typ. at 115VAC; 1.4A typ. at 230VAC
Inrush Current
Cold Start 40A typ. at 230VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Output Voltage Adjustability
±10%
Voltage Tolerance (see note 2)
3.3 VDC Output Model: ±3%
5 VDC Output Model: ±2%
12~48 VDC Output Models: ±1%
Load Regulation (see note 3)
See Table
Line Regulation
±0.5% (measured from low line to high line at full load)
Output Current
See Table
Ripple & Noise (see note 1)
See Table
Setup, Rise Time (see note 5)
1000ms, 80ms at 115VAC and full load
800ms, 80ms at 230VAC and full load
Hold-Up Time
>10ms at 115VAC and full load; >32ms at 230VAC and full load
Temperature Coefficient
±0.03% / °C (0~50°C)
PROTECTION
Short Circuit Protection
yes
Over Voltage Protection
3.3VDC Output Model: 115% ~ 175% rated output voltage
5~48VDC Output Models: 115% ~ 150% rated output voltage
Protection type: latch-off mode
Over Load Protection
>110% rated output power
Protection Type: hiccup mode; recover automatically after fault condition is removed
Brown-Out Protection (Low AC Input Voltage)
yes
GENERAL SPECIFICATIONS
Efficiency
See Table
Input to Output
3000VAC (4242VDC) for 1 minute
Input to FG
1500VAC (2121VDC) for 1 minute
Withstand Voltage
Output to FG
500VAC (707VDC) for 1 minute
Isolation Resistance
100MΩ at 500VDC (input to output, input to FG, output to FG)
Leakage Current
< 2mA at 240VAC
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-25°C to +70°C (see derating curve)
Storage Temperature
-40°C to +85°C
Working Humidity
20% to 90% RH (non-condensing)
Storage Humidity
10% to 95% RH
Vibration
10 ~ 500Hz, 5G 10min/1cycle, period for 60 minutes each along X,Y,Z axes.
Cooling
Free air convection
MTBF
206,000 hours (Compliance: MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight, Packing
1lb (450g); 30pcs/15kg
Dimensions (L x W x H)
5.10 x 3.84 x 1.48 inches (129.50 x 97.50 x 37.50 mm)
SAFETY & EMC (see note 6)
Safety Standards
UL60950-1, 2nd Edition, TUV EN60950-1: 2006+A11 Approved
EMI Conduction & Radiation
EN55022: 1998+A1: 2000+A2: 2003 Class B
Harmonic Current
EN61000-3-2: 2000 + A2: 2005 Class A, EN61000-3-3: 1995+A1: 2001
EMS Immunity
EN61204-3: 2000, EN55024: 1998+A1: 2001+A2: 2003 light industry level, criteria A


Similar Part No. - PSGE-100-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSGE-150-12 WALL-PSGE-150-12 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSGE-150-15 WALL-PSGE-150-15 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSGE-150-24 WALL-PSGE-150-24 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSGE-150-48 WALL-PSGE-150-48 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSGE-150-5 WALL-PSGE-150-5 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
More results

Similar Description - PSGE-100-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com