Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAQF120O-24S Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAQF120O-24S
Description  AC/DC Switching Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF120O-24S Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAQF120O-24S Datasheet HTML 1Page - Wall Industries,Inc. PSAQF120O-24S Datasheet HTML 2Page - Wall Industries,Inc. PSAQF120O-24S Datasheet HTML 3Page - Wall Industries,Inc. PSAQF120O-24S Datasheet HTML 4Page - Wall Industries,Inc. PSAQF120O-24S Datasheet HTML 5Page - Wall Industries,Inc. PSAQF120O-24S Datasheet HTML 6Page - Wall Industries,Inc. PSAQF120O-24S Datasheet HTML 7Page - Wall Industries,Inc. PSAQF120O-24S Datasheet HTML 8Page - Wall Industries,Inc. PSAQF120O-24S Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. A
PSAQF120 Series
Single Output, PFC Function
120W, 180W with 18CFM Fan
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/04/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 10
SPECIFICATIONS: PSAQF120 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC or 120 ~ 370VDC (80 ~ 274VAC or 110 ~ 390VDC with derating)
Input Frequency
47 ~ 63Hz
Input Current (Full Load)
< 2.0A max. @ 115VAC, < 1.0A max @ 230VAC
Inrush Current (< 2ms)
< 30A max @ 115VAC, < 60A max @ 230VAC
Power Factor
PF > 0.99 @ 115VAC and full load; PF > 0.95 @ 230VAC and full load
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Accuracy
±2%
Voltage Adjustability
See Table
Line Regulation (LL – HL)
±1%
Load Regulation
±1%
Output Current
See Table
Ripple & Noise (see Note 3)
See Table
Minimum Load
0%
Maximum Capacitive Load
See Table
Hold-up Time (see Note 4)
15ms min.
PROTECTION
Over Power Protection
Auto-recovery
Over Voltage Protection
Auto-recovery (> 125% Vout)
Short Circuit Protection
Auto-recovery
GENERAL SPECIFICATIONS
Switching Frequency
100KHz
Efficiency
See Table
Isolation Voltage
4000VAC (input to output)
2000VAC (input to FG)
500VAC (output to FG)
Leakage Current
< 0.5mA max
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C to +70°C (with derating)
Storage Temperature
-25°C to +85°C
Humidity
95% RH
Temperature Coefficient
±0.03%/°C (0 ~ 50°C)
Vibration
10~500Hz, 2G 10 min./1 cycle, 60 min. each along X, Y, and Z axes.
Cooling Method
Free air convection / 18 CFM Fan
MTBF
> 120,000 hours @ 25°C (MIL-HDBK-217F, Notice 1)
PHYSICAL SPECIFICATIONS
Weight
O Type: 9.88oz (280g)
U Type: 13.47oz (382g)
C Type: 14.11oz (400g)
DN Type: 14.29oz (405g)
Dimensions (L x W x H)
O Type: 5.0 x 3.0 x 1.16 inches (127.0 x 76.2 x 29.5 mm)
U Type: 5.0 x 3.24 x 1.5 inches (127.0 x 82.2 x 38.1 mm)
C Type: 5.0 x 3.24 x 1.5 inches (127.0 x 82.2 x 38.1 mm)
DN Type: 5.0 x 3.24 x 1.5 inches (127.0 x 82.2 x 38.1 mm)
SAFETY & EMC
Agency Approvals
CE, UL/cUL 60950-1
EMI (Conducted & Radiated Emission)
EN 61000-6-3, EN 55022 class B
EMS (Noise Immunity)
EN 55024


Similar Part No. - PSAQF120O-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF100O WALL-PSAQF100O Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-12S WALL-PSAQF100O-12S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-15S WALL-PSAQF100O-15S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-24S WALL-PSAQF100O-24S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-48S WALL-PSAQF100O-48S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAQF120O-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com