Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAQF240U-12S Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAQF240U-12S
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF240U-12S Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAQF240U-12S Datasheet HTML 1Page - Wall Industries,Inc. PSAQF240U-12S Datasheet HTML 2Page - Wall Industries,Inc. PSAQF240U-12S Datasheet HTML 3Page - Wall Industries,Inc. PSAQF240U-12S Datasheet HTML 4Page - Wall Industries,Inc. PSAQF240U-12S Datasheet HTML 5Page - Wall Industries,Inc. PSAQF240U-12S Datasheet HTML 6Page - Wall Industries,Inc. PSAQF240U-12S Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wall Industries, Inc.
Rev C
PSAQF240 SERIES
Up to 240 Watts, AC/DC Switching Power Supplies
03/18/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS: PSAQF240 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage
DC input voltage range
120
370
VDC
Input Frequency
47
63
Hz
At 115 VAC and full load
3.0
Input Current
At 230 VAC and full load
1.5
A
At 115 VAC and full load
30
Inrush Current (< 2ms)
At 230 VAC and full load
60
A
At 115VAC and full load
0.98
Power Factor
At 230 VAC and full load
0.95
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-2
+2
%
Output Current
See Table
Minimum Load
1
%
Line Regulation
Low line to high line
-1
+1
%
Load Regulation
Min load to max load
-1
+1
%
Output Power
See Table
Ripple & Noise
See Table
Maximum Capacitive Load
Depending on model
470
23,000
µF
U-Chassis (U Type) models
13
Hold-up Time
Enclosed Case (C Type) & DIN Rail (DN type) models
20
ms
Temperature Coefficient
0~50°C
-0.03
+0.03
%/°C
PROTECTION
Short Circuit Protection
Latch-off
Over Voltage Protection
Latch-off
Over Power Protection
auto-recovery
GENERAL SPECIFICATIONS
Efficiency
At 230 VAC and full load
See Table
Input to Output
4000
Input to FG
2000
Isolation Voltage
Output to FG
500
VAC
Leakage Current
0.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-10
+70
°C
Storage Temperature
-25
+85
°C
Humidity
95
% RH
Cooling
Free air convection
Vibration
At 10~500Hz, 10 min./cycle for 60 min. each test along the X,Y,Z axis
2
G
MTBF
25°C (MIL-HDBK-217F)
50,000
hours
PHYSICAL SPECIFICATIONS
U-Chassis (U Type) models
1.28 lbs (580g)
Enclosed Case (C Type) models
1.34 lbs (610g)
Weight
DIN Rail (DN type) models
1.36 lbs (615g)
Dimensions (L x W x H)
6.00” x 4.18” x 1.38” (150.0 x 106.0 x 35.0 mm)
SAFETY & EMC
Safety Approvals
CE, UL60950-1, CB
EMI (Conducted & Radiated Emissions)
EN 55022 Class B
EMS (Noise Immunity)
EN55024


Similar Part No. - PSAQF240U-12S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF100O WALL-PSAQF100O Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-12S WALL-PSAQF100O-12S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-15S WALL-PSAQF100O-15S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-24S WALL-PSAQF100O-24S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-48S WALL-PSAQF100O-48S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAQF240U-12S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com