Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAK-450-12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAK-450-12
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAK-450-12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAK-450-12 Datasheet HTML 1Page - Wall Industries,Inc. PSAK-450-12 Datasheet HTML 2Page - Wall Industries,Inc. PSAK-450-12 Datasheet HTML 3Page - Wall Industries,Inc. PSAK-450-12 Datasheet HTML 4Page - Wall Industries,Inc. PSAK-450-12 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc.
Rev B
PSAK450 SERIES
Up to 457 Watts, AC/DC Switching Power Supplies
04/04/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: PSAK450 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage (See Note 2)
DC input voltage range
127
370
VDC
Input Frequency
47
63
Hz
At 115VAC and full load
4.5
AC Current
At 230VAC and full load
2.2
A
At 115VAC and cold start
27
Inrush Current
At 230VAC and cold start
54
A
At 115VAC and full load
0.99
Power Factor
At 230VAC and full load
0.98
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
Includes set-up tolerance, line regulation, and load regulation
-1.0
+1.0
%
Voltage Adjustability
Typical adjustment by potentiometer
-10
+10
%
Line Regulation
Low Line to High Line
-0.5
+0.5
%
Load Regulation
0% to 100% full load
-0.5
+0.5
%
Output Power
See Table
Output Current
See Table
Ripple & Noise
Measured at 20MHz bandwidth and with 0.1µF and 47µF capacitors in parallel
1
%
Hold-up Time
At 230VAC and full load
16
ms
Setup Time
full load
800
ms
Rise Time
full load
60
ms
Temperature Coefficient
0~50°C
-0.02
+0.02
%/°C
PROTECTION
See Table
Over Voltage Protection
Protection type: latch-style. Recovery after reset AC power ON or inhibit
Hiccup mode: when the rated output power is within 105~150% for more than 3secs.
Constant current limit: > 150% rated power / short circuit
Over Load Protection
Automatic Recovery: If the output drops to 40% of the rated output voltage, the PSU will shut down and auto-recover 5 times
(If the fault condition still remains after recovering 5 times, the PSU will shut down. User must re-power on to recover)
Detected on primary and secondary heatsink
Over Temperature Protection
Protection type: shutdown output voltage (automatic recovery after temperature goes down)
GENERAL SPECIFICATIONS
Efficiency
See Table
Input to Output
4242VDC (3000VAC)
Input to FG
2121VDC (1500VAC)
Isolation Voltage
Output to FG
Conducted test without enclosure
707VDC (500VAC)
Isolation Resistance
Input to output, input to FG, output to FG; 500VDC
100
Leakage Current
At 240VAC
1.0
mA
FUNCTIONS
Auxiliary Power
+5V / 0.3A(±3%)
Remote ON/OFF Control
External switch or NPN transistor to turn ON/OFF
Power OK Signal
Open drain signal low when PSU turns on; sink current: 20mA max.; drain voltage: 40V max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-20
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-condensing
20
90
% RH
Storage Humidity
10
95
% RH
Cooling
Load and temperature controlled fan
Vibration
10~500Hz, 5G 10 min./1 cycle, period for 60 min. each along X, Y, Z axes. Compliance to IEC 68-2-6, IEC 68-2-64
MTBF
HRS certified MIL-HDBK-217F
74,710
hours
PHYSICAL SPECIFICATIONS
Weight
2.43 lbs (1.1kg)
Dimensions (L x W x H)
7.835 x 4.134 x 1.614 inches (199.0 x 105.0 x 41.0 mm)
SAFETY & EMC (See Note 3)
Safety Approvals
UL 60950-1; EN 60950-1
EMI (Conduction & Radiation)
EN55022
Harmonic Current
EN61000-3-2; EN61000-3-3
EMS Immunity
EN55024; IEC 61000-4-2, 3, 4, 5, 6, 8, 11


Similar Part No. - PSAK-450-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAK-100-12 WALL-PSAK-100-12 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-13.5 WALL-PSAK-100-13.5 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-15 WALL-PSAK-100-15 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-24 WALL-PSAK-100-24 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-27 WALL-PSAK-100-27 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
More results

Similar Description - PSAK-450-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com