Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9421WV14-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9421WV14-2.7
Description  Single Voltage Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9421WV14-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9421WV14-2.7 Datasheet HTML 5Page - Intersil Corporation X9421WV14-2.7 Datasheet HTML 6Page - Intersil Corporation X9421WV14-2.7 Datasheet HTML 7Page - Intersil Corporation X9421WV14-2.7 Datasheet HTML 8Page - Intersil Corporation X9421WV14-2.7 Datasheet HTML 9Page - Intersil Corporation X9421WV14-2.7 Datasheet HTML 10Page - Intersil Corporation X9421WV14-2.7 Datasheet HTML 11Page - Intersil Corporation X9421WV14-2.7 Datasheet HTML 12Page - Intersil Corporation X9421WV14-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8196.4
January 14, 2009
TABLE 3. INSTRUCTION SET
Instruction Format
NOTES:
1. “A0”: stands for the device addresses sent by the master.
2. WPx refers to wiper position data in the Wiper Counter Register
“I”: stands for the increment operation, SI held HIGH during
active SCK phase (high).
3. “D”: stands for the decrement operation, SI held LOW during active SCK phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Read the contents of the Register pointed to by R1 - R0.
Write Data Register (DR)
Write a new value to the Register pointed to by R1 - R0.
INSTRUCTION
INSTRUCTION SET
OPERATION
I3
I2
I1
I0
R1
R0
Read Wiper Counter Register
1
0
0
1
0
0
0
0
Read the contents of the Wiper Counter Register
Write Wiper Counter Register
1
0
1
0
0
0
0
0
Write new value to the Wiper Counter Register
Read Data Register
1
0
1
1
1/0
1/0
0
0
Read the contents of the Data Register pointed to by R1 - R0
Write Data Register
1
1
0
0
1/0
1/0
0
0
Write new value to the Data Register pointed to by R1 - R0
XFR Data Register to Wiper
Counter Register
1
1
0
1
1/0
1/0
0
0
Transfer the contents of the Data Register pointed to by R1 -
R0 to the Wiper Counter Register
XFR Wiper Counter Register to Data
Register
1
1
1
0
1/0
1/0
0
0
Transfer the contents of the Wiper Counter
Register to the Data Register pointed to by R1 - R0
Increment/Decrement Wiper
Counter Register
0
0
1
0
0
0
0
0
Enable Increment/decrement of the Wiper Counter Register
Read Status (WIP bit)
0
1
0
1
0
0
0
1
Read the status of the internal write cycle, by checking the WIP
bit.
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
WIPER POSITION
(SENT BY X9421 ON SO)
CS
RISING
EDGE
010
111
0
A0
1
0
0
1
00
000
0
WP5
WP4
WP3
WP2
WP1
WP0
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DATA BYTE
(SENT BY HOST ON SI)
CS
RISING
EDGE
010
111
0
A0
1
0
1
0
0
000
00
WP5
WP4
WP3
WP2
WP1
WP0
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
REGISTER
ADDRESSES
DATA BYTE
(SENT BY X9421 ON SO)
CS
RISING
EDGE
010111
0
A0
1
0
1
1
R1
R0
0000
WP5
WP4
WP3
WP2
WP1
WP0
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
REGISTER
ADDRESSES
DATA BYTE
(SENT BY HOST ON SI)
CS
RISING
EDGE
HIGH-VOLTAGE
WRITE CYCLE
0101
1
1
0
A
0
1100
R
1
R
0
00
0
0
WP
5
WP
4
WP
3
WP
2
WP
1
WP
0
X9421


Similar Part No. - X9421WV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421WV14-2.7 INTERSIL-X9421WV14-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9421WV14-2.7 RENESAS-X9421WV14-2.7 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421WV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315_11 Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
List of Unclassifed Man...
RV6NAYSD ETC-RV6NAYSD Datasheet
189Kb / 2P
   SINGLE TURN POTENTIOMETER
SP22E-2K ETC2-SP22E-2K Datasheet
188Kb / 1P
   SINGLE TURN POTENTIOMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com