Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9421YS16Z-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9421YS16Z-2.7
Description  Single Voltage Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9421YS16Z-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9421YS16Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN8196.4
January 14, 2009
Two of the eight instructions are two bytes in length and end
with the transmission of the instruction byte. These
instructions are:
• XFR Data Register to Wiper Counter Register —This
instruction transfers the contents of one specified Data
Register to the Wiper Counter Register.
• XFR Wiper Counter Register to Data Register—This
instruction transfers the contents of the Wiper Counter
Register to the specified associated Data Register.
The basic sequence of the two byte instructions is illustrated
in Figure 4. These two-byte instructions exchange data
between the WCR and one of the Data Registers. A transfer
from a Data Register to a WCR is essentially a write to a static
RAM, with the static RAM controlling the wiper position. The
response of the wiper to this action will be delayed by tWRL. A
transfer from the WCR (current wiper position), to a Data
Register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur between
the potentiometer and one of its associated registers.
Five instructions require a three-byte sequence to complete.
These instructions transfer data between the host and the
X9421; either between the host and one of the Data
Registers or directly between the host and the WCR. These
instructions are:
• Read Wiper Counter Register—read the current wiper
position of the pot,
• Write Wiper Counter Register—change current wiper
position of the pot,
• Read Data Register—read the contents of the selected
data register;
• Write Data Register—write a new value to the selected
data register.
• Read Status—This command returns the contents of the
WIP bit which indicates if the internal write cycle is in
progress.
The sequence of these operations is shown in Figure 5 and
Figure 6.
The final command is Increment/Decrement. It is different
from the other commands, because it’s length is
indeterminate. Once the command is issued, the master can
clock the wiper up and/or down in one resistor segment step;
thereby, providing a fine tuning capability to the host. For
each SCK clock pulse (tHIGH) while SI is HIGH, the selected
wiper will move one resistor segment towards the VH/RH
terminal. Similarly, for each SCK clock pulse while SI is
LOW, the selected wiper will move one resistor segment
towards the VL/RL terminal. A detailed illustration of the
sequence and timing for this operation are shown in Figure 7
and 8.
0101
110A0
I3
I2
I1
I0
R1
R0
0
0
SCK
SI
CS
FIGURE 4. TWO-BYTE INSTRUCTION SEQUENCE
0
101
0A0
I3
I2
I1
I0
R1 R0
0
0
SCL
SI
0
0
D5 D4
D3 D2
D1 D0
CS
11
FIGURE 5. THREE-BYTE INSTRUCTION SEQUENCE (WRITE)
X9421


Similar Part No. - X9421YS16Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421YS16Z-2.7 INTERSIL-X9421YS16Z-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9421YS16Z-2.7 RENESAS-X9421YS16Z-2.7 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421YS16Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315_11 Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
List of Unclassifed Man...
RV6NAYSD ETC-RV6NAYSD Datasheet
189Kb / 2P
   SINGLE TURN POTENTIOMETER
SP22E-2K ETC2-SP22E-2K Datasheet
188Kb / 1P
   SINGLE TURN POTENTIOMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com