Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9421YS16Z-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9421YS16Z-2.7
Description  Single Voltage Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9421YS16Z-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9421YS16Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9421YS16Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN8196.4
January 14, 2009
Detailed Functional Diagrams
Circuit Level Applications
• Vary the Gain of a Voltage Amplifier
• Provide Programmable DC Reference Voltages for
Comparators and Detectors
• Control the Volume in Audio Circuits
• Trim Out the Offset Voltage Error in a Voltage Amplifier
Circuit
• Set the Output Voltage of a Voltage Regulator
• Trim the Resistance in Wheatstone Bridge Circuits
• Control the Gain, Characteristic Frequency and
Q-factor in Filter Circuits
• Set the Scale Factor and Zero Point in Sensor Signal
Conditioning Circuits
• Vary the Frequency and Duty Cycle of Timer ICs
• Vary the DC Biasing of a Pin Diode Attenuator in RF
Circuits
• Provide a Control Variable (I, V, or R) in Feedback Circuits
System Level Applications
• Adjust the contrast in LCD displays
• Control the Power Level of LED Transmitters in
Communication Systems
• Set and Regulate the DC Biasing Point in an RF Power
Amplifier in Wireless Systems
• Control the Gain in Audio and Home Entertainment
Systems
• Provide the Variable DC Bias for Tuners in RF Wireless
Systems
• Set the Operating Points in Temperature Control Systems
• Control the Operating Point for Sensors in Industrial
Systems
• Trim Offset and Gain Errors in Artificial Intelligent Systems
WIPER
COUNTER
REGISTER
(WCR)
RH/VH
RL/VL
DATA
RW/VW
INTERFACE
AND
CONTROL
CIRCUITRY
VCC
VSS
CS
SCK
A0
SO
SI
HOLD
WP
CONTROL
64-taps
10k
Ω
POWER-ON RECALL
DR0 DR1
DR2 DR3
X9421


Similar Part No. - X9421YS16Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421YS16Z-2.7 INTERSIL-X9421YS16Z-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9421YS16Z-2.7 RENESAS-X9421YS16Z-2.7 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421YS16Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315_11 Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
List of Unclassifed Man...
RV6NAYSD ETC-RV6NAYSD Datasheet
189Kb / 2P
   SINGLE TURN POTENTIOMETER
SP22E-2K ETC2-SP22E-2K Datasheet
188Kb / 1P
   SINGLE TURN POTENTIOMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com