Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9421YS16-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9421YS16-2.7
Description  Single Voltage Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9421YS16-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9421YS16-2.7 Datasheet HTML 7Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 8Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 9Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 10Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 11Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 12Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 13Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 14Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8196.4
January 14, 2009
Analog Specifications
(Over recommended operating conditions unless otherwise stated.)
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC Limits)
X9421 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
X9421-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Voltage on SCK, SDA any address input
with respect to VSS: . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
ΔV = | (VH - VL) | . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Any VH/RH, VL/RL, VW/RW . . . . . . . . . . . . . . . . . . . . . VSS to VCC
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
14 Lead TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . .
92
16 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
82
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65
°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
MIN.
(Note 5)
TYP.
(Note 6)
MAX.
(Note 5)
UNITS
Rtotal
End to End Resistance
Tolerance
-20
+20
%
Power Rating
+25°C, each pot
50
mW
RW
Wiper Resistance
Wiper Current
Iw = (VH - VL)/RTOTAL, VCC = 5V
150
250
Ω
Wiper Current
Iw = (VH - VL)/RTOTAL, VCC = 3V
400
1000
Ω
VTERM
Voltage on any VH/RH, VL/RL,
VW/RW
VSS = 0V
VSS
VCC
V
Noise
Ref: 1kHz
-120
dBV
Resolution (Note 4)
(Note 5)
1.6
%
Absolute Linearity (Note 1)
Vw(n)(actual) - Vw(n)(expected)
-1
+1
MI (Note 3)
Relative Linearity (Note 2)
Vw(n + 1) - [Vw(n) + MI]
-0.2
+0.2
MI (Note 3)
Temperature Coefficient of
RTOTAL
(Note 5)
±300
ppm/°C
Ratio metric Temperature
Coefficient
(Note 5)
±20
ppm/°C
CH/CL/CW
Potentiometer Capacitances
See “Circuit #3 SPICE Macro Model” on
page 13
10/10/25
pF
IAL
Rh, RI, Rw leakage current
VIN = VSS to VCC. Device is in stand-by
mode.
0.1
10
µA
X9421


Similar Part No. - X9421YS16-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421YS16-2.7 INTERSIL-X9421YS16-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9421YS16-2.7 RENESAS-X9421YS16-2.7 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421YS16-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315_11 Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
List of Unclassifed Man...
RV6NAYSD ETC-RV6NAYSD Datasheet
189Kb / 2P
   SINGLE TURN POTENTIOMETER
SP22E-2K ETC2-SP22E-2K Datasheet
188Kb / 1P
   SINGLE TURN POTENTIOMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com