Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9421YS16-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9421YS16-2.7
Description  Single Voltage Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9421YS16-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9421YS16-2.7 Datasheet HTML 1Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 2Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 3Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 4Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 5Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 6Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 7Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 8Page - Intersil Corporation X9421YS16-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN8196.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9421
Low Noise/Low Power/SPI Bus
Single Digitally Controlled (XDCP™)
Potentiometer
Description
The X9421 integrates a single digitally controlled
potentiometer (XDCP) on a monolithic CMOS integrated
circuit.
The digital controlled potentiometer is implemented using 63
resistive elements in a series array. Between each element
are tap points connected to the wiper terminal through
switches. The position of the wiper on the array is controlled
by the user through the SPI bus interface. The potentiometer
has associated with it a volatile Wiper Counter Register
(WCR) and a four non-volatile Data Registers that can be
directly written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor array
though the switches. Power-up recalls the contents of the
default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Single Voltage Potentiometer
• 64 Resistor Taps
• SPI Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer
• Wiper Resistance, 150
Ω Typical at 5V
• 4 Non-Volatile Data Registers
• Non-Volatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on
Power-up.
• Standby Current < 5µA Max
•VCC : 2.7V to 5.5V Operation
•2.5k
Ω, 10kΩ End to End Resistance
• 100 yr. Data Retention
• Endurance: 100, 000 Data Changes per Bit per Register
• 14 Ld TSSOP, 16 Ld SOIC
• Low Power CMOS
• Pb-Free Available (RoHS Compliant)
Block Diagram
64-TAPS
10k
Ω
INC / DEC
RH/VH
RL/VL
RW/VW
POT
VCC
VSS
SPI
BUS
ADDRESS
DATA
STATUS
WRITE
READ
WIPER
TRANSFER
POWER-ON RECALL
WIPER COUNTER
REGISTER (WCR)
DATA REGISTERS
4 BYTES
CONTROL
INTERFACE
BUS
INTERFACE &
CONTROL
Data Sheet
January 14, 2009
NOT
REC
OMM
END
ED F
OR
NEW
DES
IGN
S
POS
SIBL
E SU
BST
ITUT
E PR
ODU
CT
ISL2
2416
, ISL
2241
9


Similar Part No. - X9421YS16-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421YS16-2.7 INTERSIL-X9421YS16-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9421YS16-2.7 RENESAS-X9421YS16-2.7 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421YS16-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315_11 Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
List of Unclassifed Man...
RV6NAYSD ETC-RV6NAYSD Datasheet
189Kb / 2P
   SINGLE TURN POTENTIOMETER
SP22E-2K ETC2-SP22E-2K Datasheet
188Kb / 1P
   SINGLE TURN POTENTIOMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com