Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ43A Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMCJ43A
Description  Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ43A Datasheet(HTML) 3 Page - Micro Commercial Components

  SMCJ43A Datasheet HTML 1Page - Micro Commercial Components SMCJ43A Datasheet HTML 2Page - Micro Commercial Components SMCJ43A Datasheet HTML 3Page - Micro Commercial Components SMCJ43A Datasheet HTML 4Page - Micro Commercial Components SMCJ43A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For bi-directional type having Vrwm of 10volts and less, the IR limit is double. For parts without A, the VBR is 10%
MCC
Revision : F
2014/03/07
SMCJ5.0 THRU SMCJ440CA
TM
Micro Commercial Components
Uni-Polar
Bi-Polar
VWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
ID(uA)
UNI
BI
SMCJ5.0A
SMCJ5.0CA
5
6.4
7.0
10
9.2
163.0
800
GDE
BDE
SMCJ6.0A
SMCJ6.0CA
6
6.7
7.4
10
10.3
145.7
800
GDG
BDG
SMCJ6.5A
SMCJ6.5CA
6.5
7.2
8.0
10
11.2
134.0
500
GDK
BDK
SMCJ7.0A
SMCJ7.0CA
7
7.8
8.6
10
12.0
125.0
200
GDM
BDM
SMCJ7.5A
SMCJ7.5CA
7.5
8.3
9.2
1
12.9
116.3
100
GDP
BDP
SMCJ8.0A
SMCJ8.0CA
8
8.9
9.8
1
13.6
110.3
50
GDR
BDR
SMCJ8.5A
SMCJ8.5CA
8.5
9.4
10.4
1
14.4
104.2
20
GDT
BDT
SMCJ9.0A
SMCJ9.0CA
9
10.0
11.1
1
15.4
97.4
10
GDV
BDV
SMCJ10A
SMCJ10CA
10
11.1
12.3
1
17.0
88.3
5
GDX
BDX
SMCJ11A
SMCJ11CA
11
12.2
13.5
1
18.2
82.5
5
GDZ
BDZ
SMCJ12A
SMCJ12CA
12
13.3
14.7
1
19.9
75.4
5
GEE
BEE
SMCJ13A
SMCJ13CA
13
14.4
15.9
1
21.5
69.8
5
GEG
BEG
SMCJ14A
SMCJ14CA
14
15.6
17.2
1
23.2
64.7
5
GEK
BEK
SMCJ15A
SMCJ15CA
15
16.7
18.5
1
24.4
61.5
5
GEM
BEM
SMCJ16A
SMCJ16CA
16
17.8
19.7
1
26.0
57.7
5
GEP
BEP
SMCJ17A
SMCJ17CA
17
18.9
20.9
1
27.6
54.4
5
GER
BER
SMCJ18A
SMCJ18CA
18
20.0
22.1
1
29.2
51.4
5
GET
BET
SMCJ20A
SMCJ20CA
20
22.2
24.5
1
32.4
46.3
5
GEV
BEV
SMCJ22A
SMCJ22CA
22
24.4
26.9
1
35.5
42.3
5
GEX
BEX
SMCJ24A
SMCJ24CA
24
26.7
29.5
1
38.9
38.6
5
GEZ
BEZ
SMCJ26A
SMCJ26CA
26
28.9
31.9
1
42.1
35.7
5
GFE
BFE
SMCJ28A
SMCJ28CA
28
31.1
34.4
1
45.4
33.1
5
GFG
BFG
SMCJ30A
SMCJ30CA
30
33.3
36.8
1
48.4
31.0
5
GFK
BFK
SMCJ33A
SMCJ33CA
33
36.7
40.6
1
53.3
28.2
5
GFM
BFM
SMCJ36A
SMCJ36CA
36
40.0
44.2
1
58.1
25.9
5
GFP
BFP
SMCJ40A
SMCJ40CA
40
44.4
49.1
1
64.5
23.3
5
GFR
BFR
SMCJ43A
SMCJ43CA
43
47.8
52.8
1
69.4
21.7
5
GFT
BFT
SMCJ45A
SMCJ45CA
45
50.0
55.3
1
72.7
20.6
5
GFV
BFV
SMCJ48A
SMCJ48CA
48
53.3
58.9
1
77.4
19.4
5
GFX
BFX
SMCJ51A
SMCJ51CA
51
56.7
62.7
1
82.4
18.2
5
GFZ
BFZ
SMCJ54A
SMCJ54CA
54
60.0
66.3
1
87.1
17.3
5
GGE
BGE
SMCJ58A
SMCJ58CA
58
64.4
71.2
1
93.6
16.1
5
GGG
BGG
SMCJ60A
SMCJ60CA
60
66.7
73.7
1
96.8
15.5
5
GGK
BGK
SMCJ64A
SMCJ64CA
64
71.1
78.6
1
103.0
14.6
5
GGM
BGM
SMCJ70A
SMCJ70CA
70
77.8
86.0
1
113.0
13.3
5
GGP
BGP
SMCJ75A
SMCJ75CA
75
83.3
92.1
1
121.0
12.4
5
GGR
BGR
SMCJ78A
SMCJ78CA
78
86.7
95.8
1
126.0
11.9
5
GGT
BGT
SMCJ85A
SMCJ85CA
85
94.4
104.0
1
137.0
11.0
5
GGV
BGV
SMCJ90A
SMCJ90CA
90
100.0
111.0
1
146.0
10.3
5
GGX
BGX
SMCJ100A
SMCJ100CA
100
111.0
123.0
1
162.0
9.3
5
GGZ
BGZ
Test
Current
Max.
Clamping
Voltage @IPP
Peak Pulse
Current
Reverse
Leakage
Current@VWM
Reverse
Stand -Off
Voltage
Breakdown Voltage
VBR(V)
MCC Part Number
Marking Code
ELECTRICAL CHARACTERISTICS @25°C
www.mccsemi.com
3 of 5


Similar Part No. - SMCJ43A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ43A MCC-SMCJ43A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Socay Electornics Co., ...
SMCJ43A SOCAY-SMCJ43A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Dc Components
SMCJ43A DCCOM-SMCJ43A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ43A VISHAY-SMCJ43A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SMCJ43A VISHAY-SMCJ43A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ43A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ33CA-TP MCC-SMCJ33CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ170CA-TP MCC-SMCJ170CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24A-TP MCC-SMCJ24A-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ48-TP MCC-SMCJ48-TP Datasheet
250Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ30A-TP MCC-SMCJ30A-TP Datasheet
250Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ5.0 MCC-SMCJ5.0_11 Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com