Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9421YV14IZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9421YV14IZ
Description  Single Voltage Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9421YV14IZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9421YV14IZ Datasheet HTML 6Page - Intersil Corporation X9421YV14IZ Datasheet HTML 7Page - Intersil Corporation X9421YV14IZ Datasheet HTML 8Page - Intersil Corporation X9421YV14IZ Datasheet HTML 9Page - Intersil Corporation X9421YV14IZ Datasheet HTML 10Page - Intersil Corporation X9421YV14IZ Datasheet HTML 11Page - Intersil Corporation X9421YV14IZ Datasheet HTML 12Page - Intersil Corporation X9421YV14IZ Datasheet HTML 13Page - Intersil Corporation X9421YV14IZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8196.4
January 14, 2009
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Transfer the contents of the Register pointed to by R1 - R0 to the WCR.
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Read Status
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
REGISTER
ADDRESSES
CS
RISING
EDGE
0101
1
1
0
A0
1
1
0
1
R1
R0
0
0
CS
FALLIN
G EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
REGISTER
ADDRESSES
CS
RISING
EDGE
HIGH-VOLTAGE
WRITE CYCLE
01
01110
A0
1
1
1
0
R1
R0
00
CS
FALLING
EDGE
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
INCREMENT/DECREMENT
(SENT BY MASTER ON SDA)
CS
RISING
EDGE
0
1
0
1
1
1
0A0
0010
0
0
0
0
I/D
I/D
.
.
.
.
I/D
I/D
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DATA BYTE
(SENT BY X9421 ON SO)
CS
RISING
EDGE
010111
0
A0
0
1
0
1
000100
00000
W
IP
X9421


Similar Part No. - X9421YV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421YV14IZ INTERSIL-X9421YV14IZ Datasheet
333Kb / 20P
   Single Digitally Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9421YV14IZ RENESAS-X9421YV14IZ Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9421YV14IZ-2.7 RENESAS-X9421YV14IZ-2.7 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421YV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315_11 Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
List of Unclassifed Man...
RV6NAYSD ETC-RV6NAYSD Datasheet
189Kb / 2P
   SINGLE TURN POTENTIOMETER
SP22E-2K ETC2-SP22E-2K Datasheet
188Kb / 1P
   SINGLE TURN POTENTIOMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com