Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDSDAA-016G Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SDSDAA-016G
Description  SanDisk SD Card
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDSDAA-016G Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDSDAA-016G Datasheet HTML 1Page - List of Unclassifed Manufacturers SDSDAA-016G Datasheet HTML 2Page - List of Unclassifed Manufacturers SDSDAA-016G Datasheet HTML 3Page - List of Unclassifed Manufacturers SDSDAA-016G Datasheet HTML 4Page - List of Unclassifed Manufacturers SDSDAA-016G Datasheet HTML 5Page - List of Unclassifed Manufacturers SDSDAA-016G Datasheet HTML 6Page - List of Unclassifed Manufacturers SDSDAA-016G Datasheet HTML 7Page - List of Unclassifed Manufacturers SDSDAA-016G Datasheet HTML 8Page - List of Unclassifed Manufacturers SDSDAA-016G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SanDisk SD Card - OEM Product Manual
Introduction
11/2010, Version 2.9. © 2007 - 2010 SanDisk Corporation. SanDisk Confidential, subject to all applicable non-disclosure
agreements
2
2
1
Introduction
1.1
General Description
The SanDisk SD Card is a flash based removable non-volatile memory device specifically
designed to meet the security, capacity, performance and environmental requirements inherent
in next generation consumer electronic devices. .
The SanDisk SD Card is based on a 9-pin interface designed to operate in a maximum
operating frequency of 100 MHz. The interface for SD Card products allows for easy
integration into any design, regardless of which type of microprocessor is used. In addition to
the interface, SD Card products offer an alternate communication-protocol based on the SPI
standard.
SanDisk SD cards are designed especially for use in mass storage applications. In addition to
the mass storage-specific flash memory. SD cards include an on-board intelligent controller
which manages interface protocols; security algorithms for content protection; data storage
and retrieval, as well as Error Correction Code (ECC) algorithms; defect handling; power
management; wear leveling and clock control.
Figure 1-1
SanDisk SD Card Block Diagram


Similar Part No. - SDSDAA-016G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SDSDB-256-A10 AD-SDSDB-256-A10 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
   From the world leader in flash memory cards
SDSDQAB-004G ETC2-SDSDQAB-004G Datasheet
768Kb / 27P
   OEM Product Manual
SDSDQAB-004G ETC1-SDSDQAB-004G Datasheet
1Mb / 4P
   Transforming possibilities into reality
More results

Similar Description - SDSDAA-016G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSQUAR-016G-GN6MA ETC1-SDSQUAR-016G-GN6MA Datasheet
205Kb / 1P
   16GB SANDISK ULTRA microSDHC CLASS 10 MEMORY CARD
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
logo
Western Digital Corpora...
SDIN7DP2-4G WESTERN-SDIN7DP2-4G Datasheet
351Kb / 2P
   SanDisk Commercial Embedded Storage Solutions
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
   SD CARD CONNECTOR
logo
Advantech Co., Ltd.
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
List of Unclassifed Man...
412D02F-09PC003SV ETC2-412D02F-09PC003SV Datasheet
251Kb / 1P
   SD Card Receptacle
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
   micro SD Card Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com