Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288256C5 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HB288256C5
Description  CompactFlash?
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288256C5 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HB288256C5 Datasheet HTML 3Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 4Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 5Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 6Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 7Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 8Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 9Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 10Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
HB288256/192/160/128/096/064/032C5
7
Signal name
Direction Pin No.
Description
-IOWR
(PC Card Memory mode)
I
35
This signal is not used.
-IOWR
(PC Card I/O mode)
-IOWR is used for control of data write in I/O task file
area. This card does not respond to -IOWR until I/O
card interface setting up.
-IOWR
(True IDE mode)
-IOWR is used for control of data write in I/O task file
area. This card does not respond to -IOWR until True
IDE interface setting up.
-OE
(PC Card Memory mode)
I
9
-OE is used for the control of reading register’s data in
attribute area or task file area.
-OE
(PC Card I/O mode)
-OE is used for the control of reading register’s data in
attribute area.
-ATASEL
(True IDE mode)
To enable True IDE mode this input should be
grounded by the host.
RDY/-BSY
(PC Card Memory mode)
O
37
The signal is RDY/-BSY pin. RDY/-BSY pin turns low
level during the card internal initialization operation at
VCC applied or reset applied, so next access to the
card should be after the signal turned high level.
-IREQ
(PC Card I/O mode)
This signal is active low -IREQ pin. The signal of low
level indicates that the card is requesting software
service to host, and high level indicates that the card
is not requesting.
INTRQ
(True IDE mode)
This signal is the active high Interrupt Request to the
host.
-REG
(PC Card Memory mode)
Attribute memory select
I
44
-REG is used during memory cycles to distinguish
between task file and attribute memory accesses.
High for task file, Low for attribute memory is
accessed.
-REG
(PC Card I/O mode)
-REG is constantly low when task file or attribute
memory is accessed.
-REG
(True IDE mode)
This input signal is not used and should be connected
to VCC.


Similar Part No. - HB288256C5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
More results

Similar Description - HB288256C5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com