Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSPRO2X2-VXXLS1C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSPRO2X2-VXXLS1C1A
Description  Green light source, fast response
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSPRO2X2-VXXLS1C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSPRO2X2-VXXLS1C1A Datasheet HTML 1Page - OptoSupply International OSPRO2X2-VXXLS1C1A Datasheet HTML 2Page - OptoSupply International OSPRO2X2-VXXLS1C1A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PRODUCT SPECIFICATION FOR
12V UV Module
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• LED model number: OSVXYLS1C1A
• Voltages Available 12VDC
• 24PCS 3528 SMD
• MCPCB
Features:
1
issued a high-energy ultraviolet l
• No heat radiation
• Big emitting angle
• Energy-saving and environmental friendly
• Long life
Application:
1
• Photovoltaic industry
• Beauty treatment
• Medical treatment
• mineral composition detection
• crime scene investigation
• Mechanical equipment lights
• Back lighting
• Other lighting
Product Picture and Dimensions
Model No.
OSPRO2X2-
VXYLS1C1A
REV.
C1
Unit: mm
Tolerance: ±0.3mm


Similar Part No. - OSPRO2X2-VXXLS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-V4YLS1C1A OPTOSUPPLY-OSPRO2X2-V4YLS1C1A Datasheet
60Kb / 3P
   PRODUCT SPECIFICATION FOR 12V UV Module Long life, easy installation
OSPRO2X2-V6YLS1C1A OPTOSUPPLY-OSPRO2X2-V6YLS1C1A Datasheet
60Kb / 3P
   PRODUCT SPECIFICATION FOR 12V UV Module Long life, easy installation
More results

Similar Description - OSPRO2X2-VXXLS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X1-XXXXS1C1A OPTOSUPPLY-OSPRO2X1-XXXXS1C1A Datasheet
51Kb / 3P
   Green light source, fast response
OST05WG01GD-XXXXT5C1B OPTOSUPPLY-OST05WG01GD-XXXXT5C1B Datasheet
1Mb / 2P
   Green light source, fast response
OST05WG01GD-XXXXT5E1B OPTOSUPPLY-OST05WG01GD-XXXXT5E1B Datasheet
1Mb / 2P
   Green light source, fast response
OEMC57I12KP-XXXME1E1E OPTOSUPPLY-OEMC57I12KP-XXXME1E1E Datasheet
101Kb / 3P
   Green light source, fast response Long life, easy installation
OEMCA0I18KP-XXXME1E1E OPTOSUPPLY-OEMCA0I18KP-XXXME1E1E Datasheet
101Kb / 3P
   Green light source, fast response Long life, easy installation
OST20WG09GD-R5RUT831A OPTOSUPPLY-OST20WG09GD-R5RUT831A Datasheet
1Mb / 2P
   T18-09LAMPS AUTO LED Green light source, fast response
OST25US12GD-R5RU5F71B OPTOSUPPLY-OST25US12GD-R5RU5F71B Datasheet
40Kb / 2P
   T25-12LAMPS AUTO LED Green light source, fast response
OSPR3XX1-R5XME1C1E OPTOSUPPLY-OSPR3XX1-R5XME1C1E Datasheet
46Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX6-XXXXE1C1E OPTOSUPPLY-OSPR3XX6-XXXXE1C1E Datasheet
46Kb / 2P
   Xeon Power 3W LED Module Green light source, fast response
OSPR3XX3-XXXME1C1E OPTOSUPPLY-OSPR3XX3-XXXME1C1E Datasheet
45Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com