Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-DR Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95512-DR
Description  512-Kbit serial SPI bus EEPROM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-DR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95512-DR Datasheet HTML 7Page - STMicroelectronics M95512-DR Datasheet HTML 8Page - STMicroelectronics M95512-DR Datasheet HTML 9Page - STMicroelectronics M95512-DR Datasheet HTML 10Page - STMicroelectronics M95512-DR Datasheet HTML 11Page - STMicroelectronics M95512-DR Datasheet HTML 12Page - STMicroelectronics M95512-DR Datasheet HTML 13Page - STMicroelectronics M95512-DR Datasheet HTML 14Page - STMicroelectronics M95512-DR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DocID11124 Rev 21
11/50
M95512-W M95512-R M95512-DR M95512-DF
Connecting to the SPI bus
4
Connecting to the SPI bus
All instructions, addresses and input data bytes are shifted in to the device, most significant
bit first. The Serial Data Input (D) is sampled on the first rising edge of the Serial Clock (C)
after Chip Select (S) goes low.
All output data bytes are shifted out of the device, most significant bit first. The Serial Data
Output (Q) is latched on the first falling edge of the Serial Clock (C) after the instruction
(such as the Read from Memory Array and Read Status Register instructions) have been
clocked into the device.
Figure 5. Bus master and memory devices on the SPI bus
1. The Write Protect (W) and Hold (HOLD) signals should be driven, high or low as appropriate.
Figure 5 shows an example of three memory devices connected to an SPI bus master. Only
one memory device is selected at a time, so only one memory device drives the Serial Data
Output (Q) line at a time. The other memory devices are high impedance.
The pull-up resistor R (represented in Figure 5) ensures that a device is not selected if the
Bus Master leaves the S line in the high impedance state.
In applications where the Bus Master may leave all SPI bus lines in high impedance at the
same time (for example, if the Bus Master is reset during the transmission of an instruction),
the clock line (C) must be connected to an external pull-down resistor so that, if all
inputs/outputs become high impedance, the C line is pulled low (while the S line is pulled
high): this ensures that S and C do not become high at the same time, and so, that the
tSHCH requirement is met. The typical value of R is 100 kΩ.
AI12836b
SPI Bus Master
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2 CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R


Similar Part No. - M95512-DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
M95512-DRDW8TG STMICROELECTRONICS-M95512-DRDW8TG Datasheet
749Kb / 41P
   512-Kbit serial SPI bus EEPROM - 105 C operation
January 2015 Rev 1
M95512-DRDW8TP STMICROELECTRONICS-M95512-DRDW8TP Datasheet
749Kb / 41P
   512-Kbit serial SPI bus EEPROM - 105 C operation
January 2015 Rev 1
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
   512-Kbit serial SPI bus EEPROM - 105 C operation
January 2015 Rev 1
M95512-DRMF8TG STMICROELECTRONICS-M95512-DRMF8TG Datasheet
749Kb / 41P
   512-Kbit serial SPI bus EEPROM - 105 C operation
January 2015 Rev 1
More results

Similar Description - M95512-DR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
   512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-125 STMICROELECTRONICS-M95512-125 Datasheet
293Kb / 38P
   Automotive 512-Kbit serial SPI bus EEPROM
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
   512-Kbit serial SPI bus EEPROM - 105 C operation
January 2015 Rev 1
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
   512 Kbit Serial I짰 Bus EEPROM
M24512-W STMICROELECTRONICS-M24512-W_12 Datasheet
401Kb / 40P
   512-Kbit serial I짼C bus EEPROM
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com