Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW300A1 Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # FW300A1
Description  dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FW300A1 Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button FW300A1 Datasheet HTML 2Page - Lineage Power Corporation FW300A1 Datasheet HTML 3Page - Lineage Power Corporation FW300A1 Datasheet HTML 4Page - Lineage Power Corporation FW300A1 Datasheet HTML 5Page - Lineage Power Corporation FW300A1 Datasheet HTML 6Page - Lineage Power Corporation FW300A1 Datasheet HTML 7Page - Lineage Power Corporation FW300A1 Datasheet HTML 8Page - Lineage Power Corporation FW300A1 Datasheet HTML 9Page - Lineage Power Corporation FW300A1 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
6
Lineage Power
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 250 W to 300 W
FW250A1 and FW300A1 Power Modules:
Characteristic Curves
The following figures provide typical characteristics for the power modules.
8-1747 (C)
Figure 1. Typical FW250A1 Input Characteristics at
Room Temperature
8-1748 (C)
Figure 2. Typical FW300A1 Input Characteristics at
Room Temperature
8-2041 (C)
Figure 3. Typical FW250A1 Output Characteristics
at Room Temperature
8-2042 (C)
Figure 4. Typical FW300A1 Output Characteristics
at Room Temperature
2
816
48
56
64
0
INPUT VOLTAGE, VI (V)
3
5
1
10
0
32
40
24
4
122028
36
44
52
60
68 72
8
4
6
9
7
IO = 50 A
IO = 25 A
IO = 2.5 A
4
816
48
56
64
0
INPUT VOLTAGE, VI (V)
8
2
12
0
32
40
24
412
20
28
36
44
52
60
68 72
6
10
IO = 60 A
IO = 30 A
IO = 3 A
20
50
60
30
070
10
40
5
3.5
1
0.5
0
1.5
2
3
2.5
4
4.5
OUTPUT CURRENT, IO (A)
VI = 75 V
VI = 54 V
VI = 36 V
5
3.5
1
0.5
0
1.5
2
3
2.5
4
4.5
010
30
40
50
60
70
80
20
OUTPUT CURRENT, IO (A)
VI = 75 V
VI = 54 V
VI = 36 V


Similar Part No. - FW300A1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
More results

Similar Description - FW300A1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com