Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7408P2K Datasheet(PDF) 5 Page - NEC

Part # NDL7408P2K
Description  1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7408P2K Datasheet(HTML) 5 Page - NEC

  NDL7408P2K Datasheet HTML 1Page - NEC NDL7408P2K Datasheet HTML 2Page - NEC NDL7408P2K Datasheet HTML 3Page - NEC NDL7408P2K Datasheet HTML 4Page - NEC NDL7408P2K Datasheet HTML 5Page - NEC NDL7408P2K Datasheet HTML 6Page - NEC NDL7408P2K Datasheet HTML 7Page - NEC NDL7408P2K Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6
NDL7408P Series
TYPICAL CHARACTERISTICS (TC =
−−−−40 to +85 °°°°C)
Forward Current IF (mA)
50
0
0.1
0.2
0.3
0.4
0.5
100
150
50
100
150
1.5
1.0
0.5
0
OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT FOR
NDL7408PL SERIES
OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT FOR
NDL7408PK SERIES
TC = –40 ˚C
TC = +25 ˚C
TC = +70 ˚C
TC = +85 ˚C
TC = –40 ˚C
TC = +25 ˚C
TC = +70 ˚C
TC = +85 ˚C
THRESHOLD CURRENT AND OPERATION
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
–60
1
2
3
5
10
20
30
50
100
–40
–20
0
20
40
60
80
100
Iop (@ Pf = 0.2/1.0 mW)
Ith
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY FROM FIBER
FOR NDL7408PL SERIES
Case Temperature TC (˚C)
–60 –40
–20
0
20
40
60
80
100
0.01
0
0.02
0.03
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY FROM FIBER
FOR NDL7408PK SERIES
Case Temperature TC (˚C)
0
–60
0.02
0.04
0.06
0.08
0.10
–40
–20
0
20
40
60
80
100
TEMPERATURE DEPENDENCE OF CENTER
WAVELENGTH FOR NDL7408P SERIES
Case Temperature TC (˚C)
–60
1 260
1 280
1 300
1 320
1 340
1 360
–40
–20
0
20
40
60
80
100
Forward Current IF (mA)


Similar Part No. - NDL7408P2K

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7408P2K CEL-NDL7408P2K Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P2K RENESAS-NDL7408P2K Datasheet
209Kb / 10P
   LASER DIODE
1994
NDL7408P2KC RENESAS-NDL7408P2KC Datasheet
209Kb / 10P
   LASER DIODE
1994
logo
California Eastern Labs
NDL7408P2KD CEL-NDL7408P2KD Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P2KD RENESAS-NDL7408P2KD Datasheet
209Kb / 10P
   LASER DIODE
1994
More results

Similar Description - NDL7408P2K

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
California Eastern Labs
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com