Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF776E6327XT Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BF776E6327XT
Description  High Performance NPN Bipolar RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF776E6327XT Datasheet(HTML) 1 Page - Infineon Technologies AG

  BF776E6327XT Datasheet HTML 1Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 2Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 3Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 4Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 5Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2010-04-06
BF776
1
1
2
3
4
High Performance NPN Bipolar RF Transistor
• High performance low noise amplifier
• Low minimum noise figure of typ. 0.8 dB @ 1.8 GHz
• For a wide range of non automotive applications
such as WLAN, WiMax, UWB, Bluetooth, GPS,
SDARs, DAB, LNB, UMTS/LTE and ISM bands
• Easy to use standard package with visible leads
• Pb-free (RoHS compliant) package
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BF776
R3s
1=B
2=E
3=C
4=E
-
-
SOT343
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Collector-emitter voltage
TA = 25 °C
TA = -55 °C
VCEO
4.0
3.5
V
Collector-emitter voltage
VCES
13
Collector-base voltage
VCBO
13
Emitter-base voltage
VEBO
1.2
Collector current
IC
50
mA
Base current
IB
3
Total power dissipation1)
TS
≤ 90°C
Ptot
200
mW
Junction temperature
TJ
150
°C
Ambient temperature
TA
-55 ... 150
Storage temperature
TStg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
≤ 300
K/W
1TS is measured on the emitter lead at the soldering point to the pcb
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BF776E6327XT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF776-H6327 INFINEON-BF776-H6327 Datasheet
510Kb / 6P
   High Performance NPN Bipolar RF Transistor
2010-04-06
More results

Similar Description - BF776E6327XT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF888 INFINEON-BF888 Datasheet
508Kb / 5P
   High Performance Bipolar NPN RF Transistor
2010-04-06
BF776-H6327 INFINEON-BF776-H6327 Datasheet
510Kb / 6P
   High Performance NPN Bipolar RF Transistor
2010-04-06
BFR193E6327 INFINEON-BFR193E6327 Datasheet
514Kb / 6P
   NPN Bipolar RF Transistor
2012-08-09
BFP740FESD INFINEON-BFP740FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP740ESD INFINEON-BFP740ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP720ESD INFINEON-BFP720ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
logo
eleflow technologies co...
MRF410 ELEFLOW-MRF410 Datasheet
92Kb / 1P
   NPN Bipolar RF power transistor
logo
Infineon Technologies A...
BFR740EL3 INFINEON-BFR740EL3 Datasheet
553Kb / 22P
   C NPN RF bipolar transistor
v1.0 2018-09-26
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com