Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC559BTA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BC559BTA
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC559BTA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BC559BTA Datasheet HTML 1Page - Fairchild Semiconductor BC559BTA Datasheet HTML 2Page - Fairchild Semiconductor BC559BTA Datasheet HTML 3Page - Fairchild Semiconductor BC559BTA Datasheet HTML 4Page - Fairchild Semiconductor BC559BTA Datasheet HTML 5Page - Fairchild Semiconductor BC559BTA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC556 / BC557 / BC558 / BC559 / BC560 Rev. 1.1.0
1
April 2014
BC556 / BC557 / BC558 / BC559 / BC560
PNP Epitaxial Silicon Transistor
Features
• Switching and Amplifier
• High-Voltage: BC556, VCEO = -65 V
• Low-Noise: BC559, BC560
• Complement to BC546, BC547, BC548, BC549, and BC550
Ordering Information
Part Number
Marking
Package
Packing Method
BC556ABU
BC556A
TO-92 3L
Bulk
BC556ATA
BC556A
TO-92 3L
Ammo
BC556BTA
BC556B
TO-92 3L
Ammo
BC556BTF
BC556B
TO-92 3L
Tape and Reel
BC556BTFR
BC556B
TO-92 3L
Tape and Reel
BC557ATA
BC557A
TO-92 3L
Ammo
BC557BTA
BC557B
TO-92 3L
Ammo
BC557BTF
BC557B
TO-92 3L
Tape and Reel
BC558BTA
BC558B
TO-92 3L
Ammo
BC559BTA
BC559B
TO-92 3L
Ammo
BC559CTA
BC559C
TO-92 3L
Ammo
BC560CTA
BC560C
TO-92 3L
Ammo
1. Collector 2. Base 3. Emitter
TO-92
1


Similar Part No. - BC559BTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC559BTA FAIRCHILD-BC559BTA Datasheet
151Kb / 4P
   PNP Epitaxial Silicon Transistor
BC559BTA FAIRCHILD-BC559BTA Datasheet
142Kb / 6P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - BC559BTA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com