Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC557 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # BC557
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC557 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BC557 Datasheet HTML 1Page - Fairchild Semiconductor BC557 Datasheet HTML 2Page - Fairchild Semiconductor BC557 Datasheet HTML 3Page - Fairchild Semiconductor BC557 Datasheet HTML 4Page - Fairchild Semiconductor BC557 Datasheet HTML 5Page - Fairchild Semiconductor BC557 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC556 / BC557 / BC558 / BC559 / BC560 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC Current Gain
Figure 3. Base-Emitter Saturation Voltage and
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
I
B = -50μA
I
B = -100μA
I
B = -150μA
I
B = -200μA
I
B = -250μA
I
B = -300μA
I
B = -350μA
I
B = -400μA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
1
10
100
1000
VCE = -5V
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
IC = -10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
VCE = -5V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
1
10
f=1MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
-1
-10
10
100
1000
VCE = -5V
IC[mA], COLLECTOR CURRENT


Similar Part No. - BC557

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BC557 FOSHAN-BC557 Datasheet
851Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
logo
NXP Semiconductors
BC557 PHILIPS-BC557 Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 15
logo
ON Semiconductor
BC557 ONSEMI-BC557 Datasheet
107Kb / 8P
   Amplifier Transistors
June, 2000 ??Rev. 1
logo
Tiger Electronic Co.,Lt...
BC557 TGS-BC557 Datasheet
286Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BC557 JIANGSU-BC557 Datasheet
643Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - BC557

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com