Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8904SLPTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8904SLPTR-T
Description  3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8904SLPTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A8904SLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A8904SLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A8904SLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A8904SLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A8904SLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A8904SLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A8904SLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A8904SLPTR-T Datasheet HTML 9Page - Allegro MicroSystems A8904SLPTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
3-Phase Brushless DC Motor Controller/Driver
with Back EMF Sensing
A8904
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
CWD Current
ICWD
Charging, D26 = 0, D27 = 0
-9.0
-10
-11
μA
Charging, D26 = 0, D27 =1
-18
-20
-22
μA
Charging, D26 = 1 D27 = 0
-27
-30
-33
μA
Charging, D26 = 1, D27 =1
-36
-40
-44
μA
CWD Threshold Voltage
VTL
0.22
0.25
0.28
V
VTH
2.25
2.5
2.75
V
Max. FLL Oscillator Frequency
fOSC
20*
MHz
Oscillator High Duration
ton
20
ns
Oscillator Low Duration
toff
20
ns
Maximum Output Current
IOUT(MAX)
D3 = 0, D4 = 0, D28 = 0
1.0
1.2
1.4
A
D3 = 0, D4 = 1, D28 = 0
0.9
1.0
1.1
A
D3 = 1, D4 = 0, D28 = 0
500
600
700
mA
D3 = 1, D4 = 1, D28 = 0
250
mA
D3 = 0, D4 = 0, D28 = 1
500
600
700
mA
D3 = 0, D4 = 1, D28 = 1
415
500
585
mA
D3 = 1, D4 = 0, D28 = 1
300
mA
D3 = 1, D4 = 1, D28 = 1
125
mA
Transconductance Gain
gm
D28 = 1
210
250
290
mA/V
D28 = 0
420
500
580
mA/V
Centertap Resistors
RCT
5.0
10
13
k
Back-EMF Threshold with respect
5.0
20
37
mV
to VCTAP at FCOM transition
-5.0
-20
-37
mV
ELECTRICAL CHARACTERISTICS (continued) at TA = +25°C, VDD = 5.0 V
Negative current is defined as coming out of (sourcing) the specified device terminal.
* Operation at an oscillator frequency greater than the specified minimum value is possible but not waranteed.


Similar Part No. - A8904SLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8904SLPTR-T ALLEGRO-A8904SLPTR-T Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
More results

Similar Description - A8904SLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8904SLB ALLEGRO-A8904SLB Datasheet
1Mb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8905 ALLEGRO-8905 Datasheet
163Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8902A ALLEGRO-8902A Datasheet
156Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8904 ALLEGRO-8904 Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
   BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603 TRINAMIC-TMC603_1 Datasheet
888Kb / 41P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com