Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94090-4080 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94090-4080
Description  2 Circuit Housing for Quick Disconnect Female Terminal, Accepts 6.35 x 0.81mm Tab
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94090-4080 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94090-4080 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
94090-4080
Status:
Active
Overview:
Quick-Disconnect Terminals
Description:
2 Circuit Housing for Quick Disconnect Female Terminal, Accepts 6.35 x 0.81mm Tab
Documents:
3D Model
Product Specification PS-94090-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
94090
Application
Power, Wire-to-Wire
Overview
Quick-Disconnect Terminals
Product Name
Quick Disconnect
UPC
800754327916
Physical
Breakaway
No
Circuits (maximum)
2
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Resin
Nylon
Net Weight
1.460/g
Number of Rows
2
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface
5.80mm, 8.30mm
Polarized to Mating Part
No
Ports
2
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-94090-001
Sales Drawing
SD-94090-013
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94090Series
Use With
6.35 x 0.81mm Tab
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 94090-4080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94090-4140 MOLEX11-94090-4140 Datasheet
36Kb / 1P
   10.80mm Pitch Quick Disconnect Housing, accepts 6.35mm x 0.81mm Female Tab Terminal
94090-4160 MOLEX11-94090-4160 Datasheet
35Kb / 1P
   10.70mm Pitch Quick Disconnect Housing, accepts 6.35mm x 0.81mm Male Tab Terminal
More results

Similar Description - 94090-4080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94090-5320 MOLEX11-94090-5320 Datasheet
37Kb / 1P
   1 Circuit Housing for Quick Disconnect Female Terminal, Accepts 6.35 x 0.81mm Tab
94506-9000 MOLEX11-94506-9000 Datasheet
37Kb / 1P
   Quick Disconnect Safelock Housing, accepts 6.35 x 0.81mm Female Tab Terminal
0945069000 MOLEX11-0945069000 Datasheet
89Kb / 2P
   Quick Disconnect Safelock Housing, accepts 6.35 x 0.81mm (.250"x.032") Female Tab Terminal
94095-6040 MOLEX11-94095-6040 Datasheet
35Kb / 1P
   Quick Disconnect Housing, accepts 4.75mm x 0.81mm Female Tab Terminal
94090-4140 MOLEX11-94090-4140 Datasheet
36Kb / 1P
   10.80mm Pitch Quick Disconnect Housing, accepts 6.35mm x 0.81mm Female Tab Terminal
94090-4160 MOLEX11-94090-4160 Datasheet
35Kb / 1P
   10.70mm Pitch Quick Disconnect Housing, accepts 6.35mm x 0.81mm Male Tab Terminal
0940304030 MOLEX11-0940304030 Datasheet
81Kb / 2P
   Quick Disconnect, Female, for 1.00-2.50mm짼 (14-16 AWG) wire, Accepts 4.75mm (187") x 0.81mm (.032") Tab
0940304031 MOLEX11-0940304031 Datasheet
81Kb / 2P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.81mm (.032") Tab
0940303910 MOLEX11-0940303910 Datasheet
85Kb / 2P
   Quick Disconnect, Female, for 1.00-2.50mm짼 (14-16 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
0940303911 MOLEX11-0940303911 Datasheet
85Kb / 2P
   Quick Disconnect, Female, for 1.00-2.50mm짼 (14-16 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com