Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM4-4 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # TM4-4
Description  RF IMPEDANCE TRANSFORMER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

TM4-4 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  TM4-4 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION TM4-4 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION TM4-4 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
RF IMPEDANCE TRANSFORMER
SURFACE MOUNT MODEL: TM4-4
wide BANdwidTH
10 - 2500 MHz
[ 1 of 3 ]
FEATURES:
Cost Effective
Low Loss
Small Size, Surface Mount
Lead Free Patented REL-PRO® Technology
SPECIFICATIONS (Rev. D 03/23/11)
Frequency
10 - 2500 MHz
Impedance Ratio
1:4
Insertion Loss (dB) *
Frequency (MHz) Typ.
Max.
10 - 500
0.7
1.4
500 - 1250
0.8
2.4
1250 - 2500
1.2
2.25
Amplitude Unbalance
1.0 dB (Typ.)
Phase Unbalance
8º (Typ.)
Return Loss
15 dB (Typ.)
Input Power
0.25 watt (Max.)
Input Impedance
50 Ohms (Nom.)
DC Current **
25 mA (Max.)
Operating Temperature Range
-40 to +85 °C
* Plot excludes 3 dB Split Loss
** With DC blocking capacitors installed
Package # 311
PORT CONFIGURATION
Pri. Dot
Pri.
Sec. Dot
Sec.
Sec. Center Tap
6
4
3
1
2
6
4
1
3
2
Part Identifier:
Red & white dot


Similar Part No. - TM4-4

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM4-0 SYNERGY-TM4-0 Datasheet
245Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 0.2 - 350 MHz
TM4-1 SYNERGY-TM4-1 Datasheet
248Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 10 - 1000 MHz
logo
Dialight Corporation
TM4-AA-13T-13 DIALIGHT-TM4-AA-13T-13 Datasheet
106Kb / 1P
   Tactical 45 Degree Marker Lights
logo
SYNERGY MICROWAVE CORPO...
TM4-GT SYNERGY-TM4-GT Datasheet
251Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
logo
Dialight Corporation
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
   Tactical 45 Degree Marker Lights
More results

Similar Description - TM4-4

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM1-9 SYNERGY-TM1-9 Datasheet
375Kb / 3P
   RF IMPEDANCE TRANSFORMER
TM1-2 SYNERGY-TM1-2 Datasheet
315Kb / 3P
   RF IMPEDANCE TRANSFORMER
TM1-8 SYNERGY-TM1-8 Datasheet
332Kb / 3P
   RF IMPEDANCE TRANSFORMER
TM1-3 SYNERGY-TM1-3 Datasheet
244Kb / 3P
   RF IMPEDANCE TRANSFORMER
TM1.5-2 SYNERGY-TM1.5-2 Datasheet
324Kb / 3P
   RF IMPEDANCE TRANSFORMER
logo
Rhombus Industries Inc.
T-1231 RHOMBUS-IND-T-1231 Datasheet
26Kb / 1P
   Impedance Transformer
logo
XFMRS Inc.
XF1496 XFMRS-XF1496 Datasheet
59Kb / 1P
   IMPEDANCE TRANSFORMER
XF1010-AD1S XFMRS-XF1010-AD1S Datasheet
50Kb / 1P
   IMPEDANCE TRANSFORMER
logo
Rhombus Industries Inc.
T-1231G RHOMBUS-IND-T-1231G Datasheet
19Kb / 1P
   Impedance Transformer
logo
Allied Components Inter...
AEE19-3763 ALLIED-AEE19-3763 Datasheet
330Kb / 1P
   Impedance Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com