Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2024R Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HAT2024R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT2024R Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HAT2024R Datasheet HTML 1Page - Hitachi Semiconductor HAT2024R Datasheet HTML 2Page - Hitachi Semiconductor HAT2024R Datasheet HTML 3Page - Hitachi Semiconductor HAT2024R Datasheet HTML 4Page - Hitachi Semiconductor HAT2024R Datasheet HTML 5Page - Hitachi Semiconductor HAT2024R Datasheet HTML 6Page - Hitachi Semiconductor HAT2024R Datasheet HTML 7Page - Hitachi Semiconductor HAT2024R Datasheet HTML 8Page - Hitachi Semiconductor HAT2024R Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HAT2024R
Silicon N Channel Power MOS FET
High Speed Power Switching
ADE-208-494 C (Z)
4th. Edition
July 1997
Features
Low on-resistance
Capable of 4 V gate drive
Low drive current
High density mounting
Outline
SOP–8
1 2
3
4
5
6
7
8
G
D
S
D
G
D
S
D
MOS1
MOS2
1
2
78
4
5 6
3
1, 3
S
2, 4
G
5, 6, 7, 8
Dra


Similar Part No. - HAT2024R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2024R RENESAS-HAT2024R Datasheet
97Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2024R-EL-E RENESAS-HAT2024R-EL-E Datasheet
97Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2024R RENESAS-HAT2024R_15 Datasheet
116Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2024R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com