Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSIUU60-111 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSIUU60-111
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSIUU60-111 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSIUU60-111 Datasheet HTML 1Page - Wall Industries,Inc. PSIUU60-111 Datasheet HTML 2Page - Wall Industries,Inc. PSIUU60-111 Datasheet HTML 3Page - Wall Industries,Inc. PSIUU60-111 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev A
PSIUU60 SERIES
Up to 63 Watts, AC/DC Switching Power Supplies
01/14/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
DERATING
Notes
1. Operating Temperature: -20°C to + 70°C
2. Derating linearly from 100% load at 50°C to 50%
load at 70°C
-20
0
20
40
60
70
80
120
100
80
60
40
20
0
Ambient Temperature (°C)
MECHANICAL DRAWING
3.21 [81.6]
1.38 [35.1]
0.67 [17.0]
0.30 [7.5]
G
N
L AC INPUT
#6 - 32 (MOUNTING HOLES) X 3
P1
P2
ADJ
2 1 5
4
3
2
1
DC OUTPUT
#6 - 32 (MOUNTING HOLES) X 2
1.18 [30.02]
0.32 [8.1]
2.57 [65.3]
#6 - 32 (MOUNTING HOLES) X 4
PFD
PITCH=7.5
1.18 [30.02]
PIN CONNECTIONS
PFD (Optional)
PIN
MODEL
1
2
3
4
5
1
2
PSIUU60-1XX
OUT
OUT
RTN
RTN
RTN
OUT
RTN
PSIUU60-2XX
Vo2
Vo1
COM
N/C
N/C
OUT
RTN
PSIUU60-215
N/C
Vo1
COM
Vo2
N/C
OUT
RTN
PSIUU60-3XX
Vo2
Vo1
COM
Vo3
N/C
OUT
RTN
PSIUU60-4XX
Vo2
Vo1
COM
Vo3
Vo4
OUT
RTN
NOTES
1. Unit: Inches [mm]
2. Tolerance: ±0.02 [±0.5]
3. Weight: 15oz (425g)
4. Input connector mates with screw terminal DINKLE#ESK750V-03P
(10-24AWG)
5. Output connector mates with screw terminal DINKLE#ESK750V-05P
(10-24AWG)
6. 2-pin screw terminal input connector also available (See PSIUU61 Series)
7. All dimensions are for reference only


Similar Part No. - PSIUU60-111

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSIUU61 WALL-PSIUU61 Datasheet
187Kb / 4P
   AC/DC Switching Power Supplies
PSIUU61-101 WALL-PSIUU61-101 Datasheet
187Kb / 4P
   AC/DC Switching Power Supplies
PSIUU61-102 WALL-PSIUU61-102 Datasheet
187Kb / 4P
   AC/DC Switching Power Supplies
PSIUU61-103 WALL-PSIUU61-103 Datasheet
187Kb / 4P
   AC/DC Switching Power Supplies
PSIUU61-104 WALL-PSIUU61-104 Datasheet
187Kb / 4P
   AC/DC Switching Power Supplies
More results

Similar Description - PSIUU60-111

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com