Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPSD-50 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPSD-50
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSD-50 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPSD-50 Datasheet HTML 1Page - Wall Industries,Inc. PSPSD-50 Datasheet HTML 2Page - Wall Industries,Inc. PSPSD-50 Datasheet HTML 3Page - Wall Industries,Inc. PSPSD-50 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev A
PSPSD-50 SERIES
Up to 53.8 Watts, AC/DC Switching Power Supplies
10/09/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS: PSPSD-50 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage
DC input voltage range
127
370
VDC
Input Frequency
47
63
Hz
AC Current
1.5
A
At 115VAC and cold start
20
Inrush Current
At 230VAC and cold start
40
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-3.0
+3.0
%
Voltage Adjustability
-5
+10
%Vo
Line Regulation
Low Line to High Line
-0.5
+0.5
%
Load Regulation
0% to 100% full load
-1.0
+1.0
%
Output Power
See Table
Output Current
See Table
Ripple & Noise
Measured at 20MHz BW and with 0.1µF and 10µF capacitors in parallel
See Table
At 115VAC and full load
20
Hold-up Time
At 230VAC and full load
50
ms
At 115VAC and full load
2.0
Setup Time
At 230VAC and full load
1.5
ms
Temperature Coefficient
-0.03
+0.03
%/°C
Overshoot and Undershoot
5.0
%
PROTECTION
Short Circuit Protection
Long term mode, auto-recovery
Over Voltage Protection
Constant voltage
105
150
%Vo
Over Load Protection
Constant power
105
150
%Io
GENERAL SPECIFICATIONS
Efficiency
See Table
Primary to Secondary
≤ 10mA
3000
Primary to PG
≤ 10mA
1500
Withstand Voltage
Secondary to PG
≤ 10mA
500
VDC
Isolation Resistance
100
Input to Output
0.25
Leakage Current
Input to PG
0.75
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See derating curve
-25
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-condensing
20
90
% RH
Storage Humidity
Non-condensing
10
95
% RH
Cooling
Free air convection
MTBF
MIL-HDBK-217F; 25°C and full load
200,000
hours
PHYSICAL SPECIFICATIONS
Weight
11.3oz (320g)
Dimensions (L x W x H)
3.90 x 3.23 x 1.38 inches (99.0 x 82.0 x 35.0 mm)
SAFETY & EMC (See Note 2)
Safety Approvals
UL60950-1 (2nd edition), IEC60950-1:2005 (2nd edition), EN60950-1:2006
EMI Emission
EN55022, EN55024 Class B
Harmonic Current
EN61000-3-2-3
EMC Immunity
EN61000-4-2,3,4,5,6,8,11; EN55024, EN61000-6-2 heavy industry level


Similar Part No. - PSPSD-50

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-12 WALL-PSPSD-20-12 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-15 WALL-PSPSD-20-15 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-24 WALL-PSPSD-20-24 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-48 WALL-PSPSD-20-48 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
More results

Similar Description - PSPSD-50

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com