Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMP-05-15 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSMP-05-15
Description  Medical AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMP-05-15 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSMP-05-15 Datasheet HTML 1Page - Wall Industries,Inc. PSMP-05-15 Datasheet HTML 2Page - Wall Industries,Inc. PSMP-05-15 Datasheet HTML 3Page - Wall Industries,Inc. PSMP-05-15 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. B
PSMP05 Series
5 Watts, Open Frame
Single Outputs, Isolation Class II
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/05/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 4
MECHANICAL DRAWING
DC OUTPUT
-V
+V
AC/L
AC/N
C2
AC INPUT
Unit: inches (mm)
0.07 (1.8)
0.041 (1.05)
0.177 (4.5)
0.138 (3.5)
0.21 (5.33)
1.85 (47)
2.28 (57.9)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers
will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just
one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with
its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - PSMP-05-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMP-10-05 WALL-PSMP-10-05 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP-10-12 WALL-PSMP-10-12 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP-10-15 WALL-PSMP-10-15 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP-10-24 WALL-PSMP-10-24 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP-15-05 WALL-PSMP-15-05 Datasheet
204Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
More results

Similar Description - PSMP-05-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
   Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
   Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
   Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
   Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME05 WALL-PSME05 Datasheet
194Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
   40 Watt Medical AC - DC Switching Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com