Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSHF35W-SE-24 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSHF35W-SE-24
Description  AC/DC Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHF35W-SE-24 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSHF35W-SE-24 Datasheet HTML 1Page - Wall Industries,Inc. PSHF35W-SE-24 Datasheet HTML 2Page - Wall Industries,Inc. PSHF35W-SE-24 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev B
PSHF35W SERIES
Up to 36 Watts, AC/DC Switching Power Supplies
07/21/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
RoHS Compliant
Compact Size
High Efficiency up to 85%
Up to 36 Watts Output Power
±10% Voltage Adjustment Range
Over Load & Short Circuit Protection
Free Air Convection
170~264VAC (210~370VDC) Input Voltage Range
Single Output Voltages Available from 5VDC to 48VDC
Electrolytic Capacitors all 105°C
Japanese Brand Components for Key Parts
GB4943, UL60950, & EN60950 Safety Approvals
Meets GB9254 & EN55022 Class A EMC Standards
100% Full Load Burn-in Tested
DESCRIPTION
Size:
Weight:
3.88 x 3.23 x 1.38 inches
8.47oz (240g)
98.5 x 82.0 x 35.0 mm
The PSHF35W series of AC/DC switching power supplies offers up to 36 Watts of output power in a
3.88” x 3.23” x 1.38” enclosed case. This series consists of single output models ranging from 5VDC to
48VDC with a 170~264VAC (210~370VDC) input voltage range. Some features include ±10% output
adjustability, high efficiency up to 85%, and over load and short circuit protection. The PSHF35W series
has GB4943, UL60950, and EN60950 safety approvals and meets GB9254 and EN55022 Class A EMC
standards. These supplies are also RoHS compliant and have been 100% full load burn-in tested.
TECHNICAL SPECIFICATIONS: PSHF35W SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
170
264
VAC
Input Voltage
DC input voltage range
210
370
VDC
Input Frequency
47
63
Hz
Input Current
0.6
A
Inrush Current
230VAC, cold start
40
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
See Table
Voltage Adjustability
-10
+10
%
Line Regulation
LL to HL, full load
-0.5
+0.5
%
Load Regulation
No load to full load
-0.5
+0.5
%
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz BW)
Measured with 0.1µF ceramic and 47µF electrolytic capacitor in parallel
See Table
Rise Time
Full load
50
ms
Hold-up Time
Full load
20
ms
PROTECTION
Over Load Protection
Hiccup mode; automatic recovery
105
150
%
Short Circuit Protection
Hiccup mode; automatic recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Input to Output
1500
Input to FG
1500
Withstand Voltage
1 minute
Output to FG
500
VAC
Input Leakage Current
230VAC
0.7
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See derating curve
-20
+70
°C
Storage Temperature
-20
+85
°C
Operating Humidity
Non-condensing
20
93
%
Storage Humidity
Non-condensing
20
95
%
Cooling
Free air convection
Vibration
At 10~150Hz, 10 min per cycle for 30 minutes each test along the X, Y, & Z axis
2
G
MTBF
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
8.47oz (240g)
Dimensions (L x W x H)
3.88 x 3.23 x 1.38 inch (98.5 x 82.0 x 35.0 mm)
Connection
5P/8.25mm screw terminal block
SAFETY & EMC (See Note 2)
Safety Approvals
GB4943; UL60950; EN60950
EMC Standards
GB9254; EN55022 Class A


Similar Part No. - PSHF35W-SE-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSHF320W WALL-PSHF320W Datasheet
132Kb / 4P
   AC/DC Switching Power Supplies
PSHF320W-SC-12 WALL-PSHF320W-SC-12 Datasheet
132Kb / 4P
   AC/DC Switching Power Supplies
PSHF320W-SC-13.5 WALL-PSHF320W-SC-13.5 Datasheet
132Kb / 4P
   AC/DC Switching Power Supplies
PSHF320W-SC-15 WALL-PSHF320W-SC-15 Datasheet
132Kb / 4P
   AC/DC Switching Power Supplies
PSHF320W-SC-24 WALL-PSHF320W-SC-24 Datasheet
132Kb / 4P
   AC/DC Switching Power Supplies
More results

Similar Description - PSHF35W-SE-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com