Electronic Components Datasheet Search |
|
PSAZC-9S Datasheet(PDF) 2 Page - Wall Industries,Inc. |
|
PSAZC-9S Datasheet(HTML) 2 Page - Wall Industries,Inc. |
2 / 3 page Wall Industries, Inc. Advanced Publication PSAZC SERIES 2 Watt, AC/DC PCB Mount Power Supplies 08/26/2013 Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 2 of 3 SPECIFICATIONS: PSAZC SERIES All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit INPUT SPECIFICATIONS AC input voltage range 90 305 VAC Input Voltage DC input voltage range 120 430 VDC Input Frequency 47 63 Hz At 115VAC and full load 75 Input Current At 230VAC and full load 55 mA At 115VAC and cold start 30 Inrush Current (<2ms) At 230VAC and cold start 50 A No Load Input Power 0.3 W External Fuse (recommended) 3.15A slow blow type External Varistor 10S471K OUTPUT SPECIFICATIONS Output Voltage See Table Voltage Accuracy -6 +6 % Line Regulation Low Line to High Line -5 +5 % Load Regulation 10% - 100% full load -6 +6 % Output Power See Table Output Current See Table Minimum Load 0 % Ripple & Noise (20MHz BW) Measured with 0.1µF and 47µF capacitors in parallel 300 mVp-p Max Capacitive Load At 100~240VAC See Table Hold-up Time At 230VAC 15 ms Temperature Coefficient -0.02 +0.02 %/°C PROTECTION Short Circuit Protection Hiccup mode, indefinite (auto-recovery) Over Power Protection Hiccup technique, auto-recovery GENERAL SPECIFICATIONS Efficiency At 230VAC See Table Isolation Voltage Input to Output 3000 VAC Leakage Current < 240VAC 0.25 mA ENVIRONMENTAL SPECIFICATIONS Operating Temperature With derating (see derating curve) -40 +80 °C Storage Temperature -40 +85 °C Humidity 95 % RH Cooling Free air convection MTBF 25°C (MIL-HDBK-217F) 350,000 hours PHYSICAL SPECIFICATIONS Weight TBD Case Material Plastic resin with fiberglass (Flammability to UL 94V-0) Dimensions (L x W x H) 1.12 x 1.02 x 0.67 inches (28.5 x 25.8 x 17.0 mm) SAFETY & EMC Safety Approvals UL/cUL, CE, CB (Pending) EMI (Conducted and Radiated Emissions) EN 55022 class B (Pending) EMC EMS (Noise Immunity) EN 55024 (Pending) |
Similar Part No. - PSAZC-9S |
|
Similar Description - PSAZC-9S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |