Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAZC-3.3S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAZC-3.3S
Description  AC/DC PCB Mount Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAZC-3.3S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAZC-3.3S Datasheet HTML 1Page - Wall Industries,Inc. PSAZC-3.3S Datasheet HTML 2Page - Wall Industries,Inc. PSAZC-3.3S Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Advanced Publication
PSAZC SERIES
2 Watt, AC/DC PCB Mount Power Supplies
08/26/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
MECHANICAL DRAWING
TOP VIEW
1.12 (28.5)
0.125 (3.175)
1
2
5
4
3
0.625 (15.876)
0.25 (6.35)
0.122 (3.1075)
0.024 (0.6)
Primary
Secondary
Isolation
Spacing
ISOLATION
NOTES
1. Unit: inches (mm)
2. Tolerance: ±0.02 (±0.5mm)
3. All dimensions are for reference only
PIN CONNECTIONS
PIN
ASSIGNMENT
1
+DC OUT
2
-DC OUT
3
AC IN (N)
4
AC IN (L)
5
NC
BOTTOM VIEW
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - PSAZC-3.3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAZC-3.3S WALL-PSAZC-3.3S Datasheet
211Kb / 3P
   2 Watt AC/DC PCB Mount Power Supplies
More results

Similar Description - PSAZC-3.3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
   AC/DC PCB Mount Power Supplies
logo
COSEL CO., LTD.
YS5 COSEL-YS5 Datasheet
305Kb / 6P
   AC-DC Power Supplies PCB Mount type
VAF1024 COSEL-VAF1024 Datasheet
510Kb / 4P
   AC-DC Power Supplies PCB Mount type
VAA1005 COSEL-VAA1005 Datasheet
291Kb / 4P
   AC-DC Power Supplies PCB Mount Type
March 13, 2019
logo
List of Unclassifed Man...
YAS505E ETC2-YAS505E Datasheet
597Kb / 4P
   AC-DC Power Supplies PCB Mount type
logo
COSEL CO., LTD.
TUHS COSEL-TUHS Datasheet
2Mb / 14P
   AC-DC Power Supplies PCB Mount Type
January 31, 2022
logo
List of Unclassifed Man...
YAW1015E ETC2-YAW1015E Datasheet
241Kb / 4P
   AC-DC Power Supplies PCB Mount type
VAF505 ETC2-VAF505 Datasheet
510Kb / 4P
   AC-DC Power Supplies PCB Mount type
logo
TDK Electronics
KW TDK-KW Datasheet
260Kb / 2P
   Compact AC-DC PCB-Mount Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com