Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC2412DUW15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANC2412DUW15
Description  15 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2412DUW15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANC2412DUW15 Datasheet HTML 1Page - Wall Industries,Inc. LANC2412DUW15 Datasheet HTML 2Page - Wall Industries,Inc. LANC2412DUW15 Datasheet HTML 3Page - Wall Industries,Inc. LANC2412DUW15 Datasheet HTML 4Page - Wall Industries,Inc. LANC2412DUW15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. B
LANCUW15 Series
Single & Dual Outputs
4:1 Input Voltage Range
15 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/06/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: LANCUW15 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
9
24
36
Input Voltage Range
48VDC nominal input models
18
48
75
VDC
24VDC nominal input models
50
Input Surge Voltage (1 sec max)
48VDC nominal input models
100
VDC
24VDC nominal input models
9
Start-Up Voltage
48VDC nominal input models
18
VDC
24VDC nominal input models
8
Shutdown Voltage
48VDC nominal input models
16
VDC
Input Reflected Ripple Current
Nominal Vin and full load
20
mAp-p
Input Filter
Pi type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Single Output
-0.2
+0.2
Line Regulation
Low line to high line at full load
Dual Output
-0.5
+0.5
%
Single Output
-0.5
+0.5
Load Regulation
No load to full load
Dual Output
-1
+1
%
Cross Regulation (Dual Outputs)
Asymmetrical load 25% to 100% full load
-5
+5
%
Voltage Accuracy
Full load an nominal Vin
-1.0
+1.0
%
Output Power
15
W
Output Current
See Table
Ripple & Noise (See Note 6)
20MHz Bandwidth
85
mVp-p
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Nominal Vin and constant resistive load
Power Up
30
ms
Minimum Load
0
%
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Load Protection
% of full load at nominal input
150
%
Short Circuit Protection
Hiccup, automatic recovery
Over Voltage Protection (Single Outputs only)
See Table
GENERAL SPECIFICATIONS
Efficiency
Nominal Vin and full load
See Table
Switching Frequency
330
KHz
Input to Output
1600
Input to Case
1600
Isolation Voltage
Output to Case
1600
VDC
Isolation Resistance
10
G
Isolation Capacitance
2000
pF
REMOTE ON/OFF
DC/DC ON
Open or 3.0V < Vr < 12V
Positive Logic (See Note 7)
DC/DC OFF
Short or 0V < Vr < 1.2V
Input Current of Remote Control Pin
Nominal Vin
-0.5
+0.5
mA
Remote Off State Input Current
Nominal Vin
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
With derating
-40
+100
°C
Maximum Case Temperature
+105
°C
Storage Temperature
-55
+105
°C
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Thermal Impedance
Natural Convection
20
°C/Watt
BELLCORE TR-NWT-000332
3,374,000 hours
MTBF (See Note 1)
MIL-HDBK-217F
413,500 hours
PHYSICAL SPECIFICATIONS
Weight
0.51oz (14.4g)
Case Material
Nickel-coated copper
Base Material
FR4 PCB
Potting Material
Epoxy (UL94-V0)
Dimensions (L x W x H)
1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EN55022
Class A
EMI (See Note 8)
EN55022
Class B
Air
±8KV
ESD
EN61000-4-2
Contact
±6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 9)
EN61000-4-4
±2KV
Perf. Criteria A
Surge (See Note 9)
EN61000-4-5
±1KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A


Similar Part No. - LANC2412DUW15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2412DUW15 WALL-LANC2412DUW15 Datasheet
232Kb / 5P
   Single and Dual Outputs
More results

Similar Description - LANC2412DUW15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com