Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMUA48S12-5 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMUA48S12-5
Description  15 Watts DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMUA48S12-5 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMUA48S12-5 Datasheet HTML 1Page - Wall Industries,Inc. DCMUA48S12-5 Datasheet HTML 2Page - Wall Industries,Inc. DCMUA48S12-5 Datasheet HTML 3Page - Wall Industries,Inc. DCMUA48S12-5 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev A
DCMUA15 SERIES
15 Watts DC/DC Power Converters
09/12/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
Single and Dual Outputs
15 Watts Output Power
1500VDC I/O Isolation
High Efficiency up to 87%
Lead Free Design, RoHS Compliant
High Power Density
Fixed Switching Frequency
2:1 Input Voltage Ranges: 9-18VDC, 18-36VDC, & 36-75VDC
Shielded Metal Case with Insulated Base-plate
-55°C to +95°C Operating Temperature Range
Industry Standard 2.0” x 1.0” x 0.4” DIP Package
Short Circuit, Over Voltage, Over Load Protection
IEC/EN 60950-1 Safety Approvals
Custom Designs Available
Size:
2.0 x 1.0 x 0.4 inches
50.8 x 25.4 x 10.2 mm
Applications:
Battery Operated Equipment
Telecom
Industry Control Systems
Wireless Networks
Measurement Equipment
Military Applications
DESCRIPTION
The DCMUA15 series of isolated DC/DC power converters provides 15 Watts of continuous output
power in a 2.0” x 1.0” x 0.4” shielded metal case. This series consists of single and dual output models
with 2:1 input voltage ranges of 9-18VDC, 18-36VDC, and 36-75VDC. Some features include high
efficiency up to 87%, 1500VDC I/O isolation, and -55°C to +95°C extended operating temperature
range. The DCMUA15 series is RoHS compliant and has short circuit, over load, and over voltage
protection. These converters are best suited for use in military applications, battery operated
equipment, measurement equipment, telecom, wireless networks, industry control systems, and
anywhere where isolated, tightly regulated voltages and compact size are required.
MODEL SELECTION TABLE
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min Load (1)
Full Load
No Load
Full Load
Output
Power
Efficiency
Maximum
Capacitive Load
DCMUA12S5-15
5 VDC
0mA
3000mA
16mA
1624mA
15W
81%
3300µF
DCMUA12S12-5
12 VDC
40mA
1250mA
20mA
1525mA
15W
86%
1000µF
DCMUA12D15-15
12 VDC
(9 – 18 VDC)
±15 VDC
0mA
±500mA
26mA
1525mA
15W
86%
±68µF
DCMUA24S5-15
5 VDC
0mA
3000mA
9mA
801mA
15W
82%
3300µF
DCMUA24S12-5
12 VDC
0mA
1250mA
10mA
753mA
15W
87%
1000µF
DCMUA24D15-15
24 VDC
(18 – 36 VDC)
±15 VDC
0mA
±500mA
18mA
762mA
15W
86%
±100µF
DCMUA48S5-15
5 VDC
0mA
3000mA
5mA
396mA
15W
83%
3300µF
DCMUA48S12-5
12 VDC
0mA
1250mA
6mA
377mA
15W
87%
680µF
DCMUA48D15-15
48 VDC
(36 – 75 VDC)
±15 VDC
0mA
±500mA
9mA
382mA
15W
86%
±100µF
NOTES
1. Output current under this value will not damage these devices; however, they may not meet all listed specifications.
DERATING
120
100
80
60
40
20
0
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature (°C)
100
95


Similar Part No. - DCMUA48S12-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMUA48S12-5 WALL-DCMUA48S12-5 Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
DCMUA48S12-5 WALL-DCMUA48S12-5 Datasheet
225Kb / 5P
   Single and Dual Outputs
DCMUA48S12-5 WALL-DCMUA48S12-5 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
More results

Similar Description - DCMUA48S12-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15_16 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
logo
List of Unclassifed Man...
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
DCMOPW10 WALL-DCMOPW10 Datasheet
152Kb / 5P
   10 Watts, Medical DC/DC Power Converters
JFW WALL-JFW_18 Datasheet
331Kb / 5P
   Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
logo
Total Power Internation...
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2600 TOTAL-POWER-MKW2600 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com