Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANCW15 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANCW15
Description  15 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANCW15 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANCW15 Datasheet HTML 1Page - Wall Industries,Inc. LANCW15 Datasheet HTML 2Page - Wall Industries,Inc. LANCW15 Datasheet HTML 3Page - Wall Industries,Inc. LANCW15 Datasheet HTML 4Page - Wall Industries,Inc. LANCW15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. A
LANCW15 Series
Single & Dual Outputs
2:1 Input Voltage Range
15 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/15/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
DERATING CURVE
LANC4851W15 DERATING CURVE
AMBIENT TEMPERATURE (°C)
CHARACTERISTICS
EFFICIENCY VS LOAD
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
Vin= 36V
Vin= 48V
Vin= 75V
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
The components used in the figure above are as follows: TBD
C1
C2
C3
C4
L1
LANC12xxW15
TBD
TBD
TBD
TBD
TBD
LANC24xxW15
TBD
TBD
TBD
TBD
TBD
LANC48xxW15
TBD
TBD
TBD
TBD
TBD
LANC4851W15
EFFICIENCY VS INPUT VOLTAGE
LANC4851W15
EFFICIENCY VS LOAD


Similar Part No. - LANCW15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15 Datasheet
276Kb / 5P
   Single and Dual Outputs
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
More results

Similar Description - LANCW15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com