Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF1006H Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1006H
Description  Advanced MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1006H Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSF1006H Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1006H Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1006H Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1006H Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1006H Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF1006H Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF1006H Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF1006H Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSF1006H
©Silikron Semiconductor CO.,LTD.
2013.05.07
Version : 1.0
page 6 of 8
www.silikron.com
Mechanical Data:
Min
Nom
Max
Min
Nom
Max
A
4.900
5.000
5.100
0.193
0.197
0.201
A1
2.310
2.410
2.510
0.091
0.095
0.099
A2
1.900
2.000
2.100
0.075
0.079
0.083
b
1.160
1.210
1.260
0.046
0.048
0.050
b2
1.960
2.010
2.060
0.077
0.079
0.081
b4
2.960
3.010
3.060
0.117
0.119
0.120
c
0.590
0.610
0.660
0.023
0.024
0.026
D
20.900
21.000
21.100
0.823
0.827
0.831
D1
16.250
16.550
16.850
0.640
0.652
0.663
D2
1.050
1.200
1.350
0.041
0.047
0.053
E
15.700
15.800
15.900
0.618
0.622
0.626
E1
13.100
13.300
13.500
0.516
0.524
0.531
E2
4.900
5.000
5.100
0.193
0.197
0.201
E3
2.400
2.500
2.600
0.094
0.098
0.102
e
h
0.050
0.100
0.150
0.002
0.004
0.006
L
19.800
19.920
20.100
0.780
0.784
0.791
L1
-
-
4.300
-
-
0.169
Φ
P
3.500
3.600
3.700
0.138
0.142
0.146
Φ
P1
-
-
7.300
-
-
0.287
Φ
P2
2.400
2.500
2.600
0.094
0.098
0.102
Q
5.600
5.800
6.000
0.220
0.228
0.236
S
R
T
9.800
-
10.200
0.386
-
0.402
T1
T2
T3
U
6.000
-
6.400
0.236
-
0.252
θ
1
θ
2
θ
3
-
1.5°
-
1.5°
θ
4
14°
15°
16°
14°
15°
16°
1.65REF
0.065REF
0.242BSC
0.50BSC
0.020BSC
Symbol
Dimension In Millimeters
Dimension In Inches
8.00REF
0.315REF
12.80REF
0.504REF
5.44BSC
0.214BSC
6.15BSC
TO247 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF1006H

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1006 SILIKRON-SSF1006 Datasheet
678Kb / 8P
   Advanced MOSFET process technology
SSF1006A SILIKRON-SSF1006A Datasheet
926Kb / 5P
   Advanced trench process technology
logo
GOOD-ARK Electronics
SSF1006A GOOD-ARK-SSF1006A Datasheet
1Mb / 6P
   100V N-Channel MOSFET
SSF1006A GOOD-ARK-SSF1006A_15 Datasheet
1Mb / 6P
   100V N-Channel MOSFET
More results

Similar Description - SSF1006H

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
   Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
   Advanced MOSFET process technology
SSF4031C1 SILIKRON-SSF4031C1 Datasheet
497Kb / 6P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com