Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF53A0E Datasheet(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

Part # SSF53A0E
Description  High Power and current handing capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF53A0E Datasheet(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF53A0E Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF53A0E Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF53A0E Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF53A0E Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF53A0E Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSF53A0E
SOT-23-3L PACKAGE INFORMATION
Dimensions in Millimeters (UNIT:mm)
NOTES
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Dimensions in Millimeters
Symbol
MIN.
MAX.
A
1.050
1.250
A1
0.000
0.100
A2
1.050
1.150
b
0.300
0.500
c
0.100
0.200
D
2.820
3.020
E
1.500
1.700
E1
2.650
2.950
e
0.950TYP
e1
1.800
2.000
L
0.550REF
L1
0.300
0.600
θ
©Silikron Semiconductor CO.,LTD.
4
http://www.silikron.com
v1.0


Similar Part No. - SSF53A0E

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF50 CYNERGY3-SSF50 Datasheet
392Kb / 2P
   Compact Float Switch with Integral Slosh Guard & Optional Check Facility
SSF50X100X CYNERGY3-SSF50X100X Datasheet
392Kb / 2P
   Compact Float Switch with Integral Slosh Guard & Optional Check Facility
SSF50X100X-C CYNERGY3-SSF50X100X-C Datasheet
392Kb / 2P
   Compact Float Switch with Integral Slosh Guard & Optional Check Facility
logo
Silikron Semiconductor ...
SSF5506 SILIKRON-SSF5506 Datasheet
335Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
More results

Similar Description - SSF53A0E

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
   High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
   High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
   High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
   High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
   High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
   High Power and current handing capability
logo
Silikron Semiconductor ...
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
   High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
   High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
   High Power and current handing capability
SSFN3313 SILIKRON-SSFN3313 Datasheet
198Kb / 5P
   High Power and current handing capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com