Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ2V4T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ2V4T1G
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ2V4T1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ2V4T1G Datasheet HTML 1Page - ON Semiconductor MMSZ2V4T1G Datasheet HTML 2Page - ON Semiconductor MMSZ2V4T1G Datasheet HTML 3Page - ON Semiconductor MMSZ2V4T1G Datasheet HTML 4Page - ON Semiconductor MMSZ2V4T1G Datasheet HTML 5Page - ON Semiconductor MMSZ2V4T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZxxxT1G Series, SZMMSZxxxT1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
VZ1 (Volts)
(Notes 6 and 7)
ZZT1
(Note 8)
VZ2 (Volts)
(Notes 6 and 7)
ZZT2
(Note 8)
Max Reverse
Leakage Current
@ IZT1 = 2 mA
@ IZT2 = 0.1 mA
@ IZT2 =
0.5 mA
IR @ VR
Min
Nom
Max
W
Min
Max
W
mA
Volts
MMSZ27T1G/T3G
Y1
25.65
27
28.35
80
25
28.9
300
0.05
18.9
MMSZ30T1G
Y2
28.50
30
31.50
80
27.8
32
300
0.05
21
MMSZ33T1G
Y3
31.35
33
34.65
80
30.8
35
325
0.05
23.1
MMSZ36T1G
Y4
34.20
36
37.80
90
33.8
38
350
0.05
25.2
MMSZ39T1G
Y5
37.05
39
40.95
130
36.7
41
350
0.05
27.3
MMSZ43T1G
Z1
40.85
43
45.15
150
39.7
46
375
0.05
30.1
MMSZ47T1G
Z2
44.65
47
49.35
170
43.7
50
375
0.05
32.9
MMSZ51T1G
Z3
48.45
51
53.55
180
47.6
54
400
0.05
35.7
MMSZ56T1G
Z4
53.20
56
58.80
200
51.5
60
425
0.05
39.2
6. The type numbers shown have a standard tolerance of 5% on the nominal Zener Voltage.
7. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms.
8. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied.
The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz.
*Include SZ-prefix devices where applicable.


Similar Part No. - MMSZ2V4T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ2V4T1G ONSEMI-MMSZ2V4T1G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ2V4T1G ONSEMI-MMSZ2V4T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ2V4T1G ONSEMI-MMSZ2V4T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ2V4T1G ONSEMI-MMSZ2V4T1G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
More results

Similar Description - MMSZ2V4T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com