Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT1023R Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HAT1023R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT1023R Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HAT1023R Datasheet HTML 1Page - Hitachi Semiconductor HAT1023R Datasheet HTML 2Page - Hitachi Semiconductor HAT1023R Datasheet HTML 3Page - Hitachi Semiconductor HAT1023R Datasheet HTML 4Page - Hitachi Semiconductor HAT1023R Datasheet HTML 5Page - Hitachi Semiconductor HAT1023R Datasheet HTML 6Page - Hitachi Semiconductor HAT1023R Datasheet HTML 7Page - Hitachi Semiconductor HAT1023R Datasheet HTML 8Page - Hitachi Semiconductor HAT1023R Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAT1023R
4
Main Characteristics
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Note 4 :
When using the glass epoxy board
(FR4 40 x 40 x 1.6 mm)
4.0
3.0
2.0
1.0
0
50
100
150
200
–0.1
–100
–10
–1
–0.1
–0.01
–0.3
–1
–3
–10
–30
–100
–30
–3
–0.3
–0.03
10
µs
100
µs
1 ms
Ta = 25
°C
1 shot pulse
PW
=
10
ms
–20
–16
–12
–8
–4
0
–2
–4
–6
–8
–10
–10 V –5 V
–4 V
–3.5 V
–2.5 V
–2 V
V
= –1.5 V
GS
–3 V
–20
–16
–12
–8
–4
0
–1
–2
–3
–4
–5
Tc = –25
°C
75
°C
25
°C
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
Operation in
this area is
limited by R DS(on)
Pulse Test
V
= –10 V
Pulse Test
DS
Note
4
DC
Operation
(PW
<
10
s)


Similar Part No. - HAT1023R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1023R RENESAS-HAT1023R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1023R-EL RENESAS-HAT1023R-EL Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1023R-EL-E RENESAS-HAT1023R-EL-E Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1023R RENESAS-HAT1023R_15 Datasheet
108Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT1023R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1029R HITACHI-HAT1029R Datasheet
53Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1065R RENESAS-HAT1065R Datasheet
61Kb / 4P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1020R RENESAS-HAT1020R_15 Datasheet
109Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1025R HITACHI-HAT1025R Datasheet
56Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1033T HITACHI-HAT1033T Datasheet
53Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R HITACHI-HAT1038R Datasheet
60Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1047R RENESAS-HAT1047R Datasheet
116Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1054R RENESAS-HAT1054R Datasheet
96Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1024R RENESAS-HAT1024R_15 Datasheet
115Kb / 10P
    Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R RENESAS-HAT1038R_15 Datasheet
248Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com