Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4-120 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F4-120
Description  Power Transformer Chassis Mount Quick Pack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F4-120 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F4-120 Datasheet HTML 1Page - TRIAD MAGNETICS F4-120 Datasheet HTML 2Page - TRIAD MAGNETICS F4-120 Datasheet HTML 3Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transformer
Chassis Mount: Quick Pack
F7-120
Description:
The F7-120 Quick Pack small power transformer offers a significant reduction
in size and weight over a standard transformer. This transformer can be used
for a wide variety of applications. It is bobbin wound for reduced size and small
operating space.
Electrical Specifications (@25C):
Maximum Power: 56.0VA
Input Voltage: 115VAC@50/60Hz
Output Voltage: 120.0VCT@0.5A
Construction:
Split bobbing non concentric winding eliminates costly
electrostatic shielding. Termination is suitable for quick connects or soldering.
Safety:
UL Class B E53148
F
B
A
C
D
10
6
8
E
G
Dimensions:
A
B
C
D
E
F
G
2.250
3.125
3.687
1.812
2.687
.187 Dia
1.062
Notes: 1. Units: inches.
2. Terminal size: .187” X 0.21”.
3. Weight: 1.70 lbs
Schematic:
2
6
8
10
4
Input: 2 to 4
Output: 6 to10
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.


Similar Part No. - F4-120

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F4-120 TRIAD-F4-120_13 Datasheet
46Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - F4-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD7-12 ETC2-FD7-12 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
FD6-12 ETC2-FD6-12 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
F7-16 TRIAD-F7-16 Datasheet
56Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
F7-12 TRIAD-F7-12 Datasheet
48Kb / 2P
   Power Transformer Chassis Mount: Quick Pack
logo
List of Unclassifed Man...
FD8-12 ETC2-FD8-12 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
FD7-10 ETC2-FD7-10 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
FD6-24 ETC2-FD6-24 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
FD6-16 ETC2-FD6-16 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
F3-16 TRIAD-F3-16_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
FD5-16 TRIAD-FD5-16_13 Datasheet
49Kb / 1P
   Chassis Mount: Quick Pack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com