Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF12N60F Datasheet(PDF) 7 Page - Silikron Semiconductor Co.,LTD.

Part # SSF12N60F
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF12N60F Datasheet(HTML) 7 Page - Silikron Semiconductor Co.,LTD.

  SSF12N60F Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF12N60F Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF12N60F Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF12N60F Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF12N60F Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF12N60F Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF12N60F Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF12N60F Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SSF12N60F
©Silikron Semiconductor CO.,LTD.
2012.06.20
Version : 1.1
page 7 of 8
www.silikron.com
Ordering and Marking Information
Device Marking: SSF12N60F
Package (Available)
TO220F
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO220F
50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃ @ 100% of
Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices


Similar Part No. - SSF12N60F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF12N60F GOOD-ARK-SSF12N60F Datasheet
1Mb / 7P
   600V N-Channel MOSFET
SSF12N60F GOOD-ARK-SSF12N60F_15 Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF12N60F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com