Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN26D0UDJ Datasheet(PDF) 3 Page - Zhaoxingwei Electronics ., Ltd

Part # DMN26D0UDJ
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

DMN26D0UDJ Datasheet(HTML) 3 Page - Zhaoxingwei Electronics ., Ltd

  DMN26D0UDJ Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd DMN26D0UDJ Datasheet HTML 2Page - Zhaoxingwei Electronics ., Ltd DMN26D0UDJ Datasheet HTML 3Page - Zhaoxingwei Electronics ., Ltd DMN26D0UDJ Datasheet HTML 4Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.5
1
1.5
2
2.5
3
Fig. 1 Typical Output Characteristic
V , DRAIN-SOURCE VOLTAGE (V)
DS
V
= 2.0V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 8V
GS
V
= 2.5V
GS
V
= 1.5V
GS
0
0.1
0.2
0.3
0.4
0
0.5
1
1.5
2
2.5
3
Fig. 2 Typical Transfer Characteristic
V , GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -10V
DS
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1,000
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (mA)
D
V
= 4.5V
GS
V
= 1.2V
GS
V
= 1.5V
GS
V
= 2.5V
GS
V
= 1.8V
GS
0
1
2
3
4
0.01
0.1
1
I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Fig. 5 On-Resistance Variation with Temperature
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 2.5V
I = 150mA
GS
D
V
= 4.5V
I = 500mA
GS
D
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Fig. 6 On-Resistance Variation with Temperature
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 4.5V
I = 500mA
GS
D
V
= 2.5V
I = 150mA
GS
D
SMD Type
Mosfets
Mos
Mosfets
Mos


Similar Part No. - DMN26D0UDJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN26D0UDJ DIODES-DMN26D0UDJ Datasheet
115Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31481 Rev. 5 - 2
logo
List of Unclassifed Man...
DMN26D0UDJ ETC2-DMN26D0UDJ Datasheet
755Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN26D0UDJ-7 DIODES-DMN26D0UDJ-7 Datasheet
115Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31481 Rev. 5 - 2
DMN26D0UDJ DIODES-DMN26D0UDJ_15 Datasheet
331Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN26D0UDJ

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com