Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1212CHNF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A1212CHNF
Description  Continuous Hinge with Clamps, Type 4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1212CHNF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A1212CHNF Datasheet HTML 1Page - List of Unclassifed Manufacturers A1212CHNF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec-00275 D
Junction Boxes Hinge-Cover
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild steel
1
Spec-00275
D763.422.2211
763.422.2600
Mild steel
Junction Boxes
Hinge-cover
continuous Hinge witH claMps, type 4
industRy standaRds
UL 50, 50E Listed; Type 4, 12, 13; File No. E27567
cUL Listed per CSA C22.2 No. 94; Type 4, 12, 13; File No. E27567
UL 508A Listed; Type 4, 12, 13; File No. E61997
cUL Listed per CSA C22.2 No. 94; Type 4, 12, 13; File No. E61997
NEMA/EEMAC Type 4, 12, 13
CSA, File No. 42184: Type 4 and 12
IEC 60529, IP66
application
A continuous hinge combined with stainless steel clamps on three
sides provide environmental protection and security in indoor or
outdoor applications.
speciFications
16 or 14 gauge steel (see table)
Seams continuously welded and ground smooth
Stainless steel clamps on three sides of door
Continuous hinge
Stainless steel hinge pin
Oil-resistant gasket
Weldnuts provided for mounting optional panels and terminal
block kits in size 6.00 x 4.00 in. (152 x 102 mm) and larger
Bonding provision on door
External wall-mounting brackets
FinisH
ANSI 61 gray polyester powder paint inside and out
accessoRies
See also Accessories.
Industrial Corrosion Inhibitors
Fast-Operating Clamp-Cover Junction Box Clamp
Lock Kit for Clamp Cover Junction Boxes
Panels for Junction Boxes
Junction Box and Wall-Mount Enclosure Swing Out Panel Kit
Terminal Block Kit Assembly for Junction Boxes Overview
ModiFication and custoMiZation
Hoffman excels at modifying and customizing products to
your specifications. Contact your local Hoffman sales office or
distributor for complete information.
Bulletin: A51nF
Standard Product
 
Catalog Number AxBxC in./mm
Gauge UL Listed Panel
Conductive Panel
Panel Size
D x E
in./mm
Mounting
G x H
in./mm
Overall
L x W
in./mm
F
in./mm
J
in./mm
K
in./mm
M
in./mm
N
in./mm
T
in./mm
V
in./mm
Y
in./mm
A404CHNF
4.00 x 4.00 x 3.00
102 x 102 x 76
16
508A
No Panel No Panel
No Panel
No Panel
4.75 x 2.00
121 x 51
5.50 x 4.94
140 x 125
2.62
66
0.54
14
1.38
35
1.38
35
3.00
76
A604CHNF
6.00 x 4.00 x 3.00
152 x 102 x 76
16
508A
A6P4
A6P4G
4.88 x 2.88
124 x 73
6.75 x 2.00
171 x 51
7.50 x 4.94
191 x 125
2.53
64
2.62
66
0.54
14
1.38
35
2.38
60
3.00
76
0.31
8
0.56
14
A806CHNF
8.00 x 6.00 x 3.50
203 x 152 x 89
14
50, 50E
A8P6
A8P6G
6.75 x 4.88
171 x 124
8.75 x 4.00
222 x 102
9.50 x 6.94
241 x 176
3.03
77
3.12
79
0.56
14
2.38
60
3.38
86
5.00
127
0.25
6
0.62
16
A606CHNF
6.00 x 6.00 x 4.00
152 x 152 x 102
16
50, 50E
A6P6
A6P6G
4.88 x 4.88
124 x 124
6.75 x 4.00
171 x 102
7.50 x 6.94
191 x 176
3.53
90
3.62
92
0.54
14
2.38
60
2.38`
60
5.00
127
0.31
8
0.56
14
A1008CHNF
10.00 x 8.00 x 4.00
254 x 203 x 102
14
50, 50E
A10P8
A10P8G
8.75 x 6.88
222 x 175
10.75 x 6.00
273 x 152
11.50 x 8.94
292 x 227
3.53
90
3.62
92
0.56
14
3.38
86
1.50
38
7.00
178
0.25
6
0.62
16
A1210CHNF
12.00 x 10.00 x 5.00
305 x 254 x 127
14
50, 50E
A12P10 A12P10G
10.75 x 8.88
273 x 225
12.75 x 8.00
324 x 203
13.50 x 10.94
343 x 278
4.53
115
4.62
117
0.56
14
2.00
51
3.00
76
9.00
229
0.25
6
0.62
16
A10086CHNF
10.00 x 8.00 x 6.00
254 x 203 x 152
14
50, 50E
A10P8
A10P8G
8.75 x 6.88
222 x 175
10.75 x 6.00
273 x 152
11.50 x 8.94
292 x 227
5.53
140
5.62
143
0.56
14
3.38
86
1.50
38
7.00
178
0.25
6
0.62
16
A1212CHNF
12.00 x 12.00 x 6.00
305 x 305 x 152
14
50, 50E
A12P12 A12P12G
10.75 x 10.88
273 x 276
12.75 x 10.00
324 x 254
13.50 x 12.94
343 x 329
5.53
140
5.62
143
0.56
14
2.50
64
2.50
64
11.00
279
0.25
6
0.62
16
A1412CHNF
14.00 x 12.00 x 6.00
356 x 305 x 152
14
50, 50E
A14P12 A14P12G
12.75 x 10.88
324 x 276
14.75 x 10.00
375 x 254
15.50 x 12.94
394 x 329
5.53
140
5.62
143
0.56
14
2.00
51
3.00
76
11.00
279
0.25
6
0.62
16
A1614CHNF
16.00 x 14.00 x 6.00
406 x 356 x 152
14
50, 50E
A16P14 A16P14G
14.75 x 12.88
375 x 327
16.75 x 12.00
425 x 305
17.50 x 14.94
445 x 379
5.53
140
5.62
143
0.56
14
3.50
89
1.50
38
13.00
330
0.25
6
0.62
16
Purchase panels separately. Optional stainless steel, conductive, composite and aluminum panels are available for most sizes.


Similar Part No. - A1212CHNF

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A1212CHNFSS PENTAIR-A1212CHNFSS Datasheet
340Kb / 2P
   Junction Boxes
A1212CHNFSS6 PENTAIR-A1212CHNFSS6 Datasheet
340Kb / 2P
   Junction Boxes
More results

Similar Description - A1212CHNF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A24H2408SSLP ETC2-A24H2408SSLP Datasheet
380Kb / 4P
   Continuous Hinge with Clamps, Type 4X
logo
Hammond Manufacturing L...
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
   Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
   Continuous Hinge Door with Quarter Turn
logo
Yamaichi Electronics Co...
PJS008T-0000-0 YAMAICHI-PJS008T-0000-0 Datasheet
300Kb / 1P
   microSD Card Reader - Hinge Type
logo
List of Unclassifed Man...
I410 ETC2-I410 Datasheet
136Kb / 2P
   Current Clamps
536QC ETC2-536QC Datasheet
40Kb / 1P
   Bar Clamps
logo
Wurth Elektronik GmbH &...
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
   MICRO SIM - HINGE TYPE - 8 PINS
logo
Richco, Inc.
E14-CL RICHCO-E14-CL Datasheet
52Kb / 1P
   E CLAMPS
logo
Wurth Elektronik GmbH &...
686110148922 WURTH-686110148922 Datasheet
547Kb / 7P
   WR-FPC SMT ZIF Horizontal Hinge Type
001.006
686130148922 WURTH-686130148922 Datasheet
542Kb / 7P
   WR-FPC SMT ZIF Horizontal Hinge Type
001.006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com