Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSCTXX Datasheet(PDF) 4 Page - OptoSupply International

Part # OSCTXX
Description  Long life, easy installation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSCTXX Datasheet(HTML) 4 Page - OptoSupply International

  OSCTXX Datasheet HTML 1Page - OptoSupply International OSCTXX Datasheet HTML 2Page - OptoSupply International OSCTXX Datasheet HTML 3Page - OptoSupply International OSCTXX Datasheet HTML 4Page - OptoSupply International OSCTXX Datasheet HTML 5Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LED & Application Technologies
Optosupply Limited
http://www.optosupply.com
4
Applied Product Electrical Connection Schematic Diagram:
1
-
-
-
-
-
-
-
-
-
Model No.
OSCTXX
REV.
C1


Similar Part No. - OSCTXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSCT083528 OPTOSUPPLY-OSCT083528 Datasheet
581Kb / 1P
   8mm*0.25mm FPCB and FPCB connect
OSCT105050 OPTOSUPPLY-OSCT105050 Datasheet
581Kb / 1P
   10mm*0.25mm FPCB and FPCB connect
More results

Similar Description - OSCTXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
   Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
   Long life, easy installation
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
   Long life, easy installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
   Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
   Long life, easy installation
OSBDXX OPTOSUPPLY-OSBDXX Datasheet
61Kb / 3P
   Long life, easy Installation
OSMTXX-C5 OPTOSUPPLY-OSMTXX-C5 Datasheet
286Kb / 4P
   Long life, easy installation
OSBAXX OPTOSUPPLY-OSBAXX Datasheet
61Kb / 3P
   Long life, easy Installation
SAD12-XXX28B31F OPTOSUPPLY-SAD12-XXX28B31F Datasheet
51Kb / 3P
   Long life, easy installation
OSCBXX OPTOSUPPLY-OSCBXX Datasheet
72Kb / 4P
   Long life, easy installation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com