Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

557MI-01LFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 557MI-01LFT
Description  PCI-EXPRESS GEN1 CLOCK SOURCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

557MI-01LFT Datasheet(HTML) 1 Page - Integrated Device Technology

  557MI-01LFT Datasheet HTML 1Page - Integrated Device Technology 557MI-01LFT Datasheet HTML 2Page - Integrated Device Technology 557MI-01LFT Datasheet HTML 3Page - Integrated Device Technology 557MI-01LFT Datasheet HTML 4Page - Integrated Device Technology 557MI-01LFT Datasheet HTML 5Page - Integrated Device Technology 557MI-01LFT Datasheet HTML 6Page - Integrated Device Technology 557MI-01LFT Datasheet HTML 7Page - Integrated Device Technology 557MI-01LFT Datasheet HTML 8Page - Integrated Device Technology 557MI-01LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
PCI-EXPRESS GEN1 CLOCK SOURCE
ICS557-01
IDT® PCI-EXPRESS GEN1 CLOCK SOURCE
1
ICS557-01
REV P 072512
Description
The ICS557-01 is a clock chip designed for use in
PCI-Express Cards as a clock source. It provides a pair of
differential outputs at 100 MHz in a small 8-pin SOIC
package.
Using IDT’s patented Phase-Locked Loop (PLL)
techniques, the device takes a 25 MHz crystal input and
produces HCSL (Host Clock Signal Level) differential
outputs at 100 MHz clock frequency. LVDS signal levels can
also be supported via an alternative termination scheme.
Features
Supports PCI-ExpressTM HCSL Outputs
0.7 V current mode differential pair
Supports LVDS Output Levels
Packaged in 8-pin SOIC
RoHS 5 (green) or RoHS 6 (green and lead free)
compliant packaging
Operating voltage of 3.3 V
Low power consumption
Input frequency of 25 MHz
Short term jitter 100 ps (peak-to-peak)
Output Enable via pin selection
Industrial temperature range available
For PCIe Gen2 applications, see the 5V41064
For PCIe Gen3 applications, see the 5V41234
Block Diagram
Phase Lock
Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
X2
25 MHz
crystal /clock
CLK
OE
CLK
R
R(IREF)
X1
Crystal Tuning Capacitors


Similar Part No. - 557MI-01LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
557MI-01LFT RENESAS-557MI-01LFT Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
More results

Similar Description - 557MI-01LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
ICS557-05A IDT-ICS557-05A Datasheet
308Kb / 12P
   QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com