Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A220 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # A220
Description  GaAs MMIC Down Converter for Micro Wave Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

A220 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button A220 Datasheet HTML 2Page - Hitachi Semiconductor A220 Datasheet HTML 3Page - Hitachi Semiconductor A220 Datasheet HTML 4Page - Hitachi Semiconductor A220 Datasheet HTML 5Page - Hitachi Semiconductor A220 Datasheet HTML 6Page - Hitachi Semiconductor A220 Datasheet HTML 7Page - Hitachi Semiconductor A220 Datasheet HTML 8Page - Hitachi Semiconductor A220 Datasheet HTML 9Page - Hitachi Semiconductor A220 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HA22032
6
2.5
2
1.5
1
VSWR vs. Supply voltage
2
5
3.5
3
Supply voltage Vdd (V)
2.5
4
4.5
RF
Lo
RF = 1489 MHz
Lo = 1619 MHz
Ta = +25°C
12
11
10
9
8
7
6
5
Quiescent current vs. Supply voltage
2
5
3.5
3
Supply voltage Vdd (V)
2.5
4
4.5
Ta = +25°C
8
6
4
2
0
3rd order inter-cept point
vs. Supply voltage
2
5
3.5
3
Supply voltage Vdd (V)
2.5
4
4.5
f = 1489 MHz
Pin = –30 dBm
IF = 130 MHz
PLo = –15dBm
Ta = +25°C
2 signals input
29
28
27
26
25
24
23
Conversion gain,Noise figure
vs. Supply voltage
2
5
3.5
3
2.5
4
4.5
3
2.5
2
1.5
f = 1489 MHz
Pin = –30 dBm
IF = 130 MHz
PLo = –15 dBm
Ta = +25°C
CG
NF
Supply voltage Vdd (V)


Similar Part No. - A220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A220 PHILIPS-A220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
logo
AUK corp
A220 AUK-A220 Datasheet
193Kb / 3P
   PNP Silicon Transistor
logo
List of Unclassifed Man...
A220-200B50MP-0215 ETC-A220-200B50MP-0215 Datasheet
781Kb / 4P
   200 MM PROCESS WAFER CARRIERS
A220-200B50P-0215 ETC-A220-200B50P-0215 Datasheet
781Kb / 4P
   200 MM PROCESS WAFER CARRIERS
logo
Omron Electronics LLC
A2201A OMRON-A2201A Datasheet
223Kb / 13P
   Pushbutton Switch
More results

Similar Description - A220

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA22040 HITACHI-HA22040 Datasheet
41Kb / 11P
   GaAs MMIC Down Converter for Micro Wave Application
HA22022 HITACHI-HA22022 Datasheet
45Kb / 12P
   GaAs MMIC Low Noise Amplifier for Micro Wave Application
HA22033 HITACHI-HA22033 Datasheet
45Kb / 12P
   GaAs MMIC Low Noise Amplifier for Micro Wave Application
HA22039 HITACHI-HA22039 Datasheet
47Kb / 12P
   GaAs IC Low Distortion Mixer for Micro Wave Application
HA22012 HITACHI-HA22012 Datasheet
54Kb / 12P
   Low Noise Amplifier for Micro Wave Application
logo
Marki Microwave
MMD-2050HSM MARKIMICROWAVE-MMD-2050HSM Datasheet
661Kb / 9P
   GaAs MMIC Millimeter Wave Doubler
MMD-2060H MARKIMICROWAVE-MMD-2060H Datasheet
432Kb / 10P
   GaAs MMIC Millimeter Wave Doubler
MMD-2060L MARKIMICROWAVE-MMD-2060L Datasheet
450Kb / 10P
   GaAs MMIC Millimeter Wave Doubler
MMD-3580L MARKIMICROWAVE-MMD-3580L Datasheet
496Kb / 10P
   GaAs MMIC Millimeter Wave Doubler
MMD-2050LSM MARKIMICROWAVE-MMD-2050LSM Datasheet
696Kb / 9P
   GaAs MMIC Millimeter Wave Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com