Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17901PJ Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA17901PJ
Description  Quadruple Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17901PJ Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA17901PJ Datasheet HTML 1Page - Hitachi Semiconductor HA17901PJ Datasheet HTML 2Page - Hitachi Semiconductor HA17901PJ Datasheet HTML 3Page - Hitachi Semiconductor HA17901PJ Datasheet HTML 4Page - Hitachi Semiconductor HA17901PJ Datasheet HTML 5Page - Hitachi Semiconductor HA17901PJ Datasheet HTML 6Page - Hitachi Semiconductor HA17901PJ Datasheet HTML 7Page - Hitachi Semiconductor HA17901PJ Datasheet HTML 8Page - Hitachi Semiconductor HA17901PJ Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HA17901, HA17339 Series
4
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
17901
P
17901
PJ
17901
FP
17901
FPJ
17901
FPK
17339
17339
F
Unit
Power-
supply
voltage
V
CC
36
36
36
36
36
36
36
V
Differential
input
voltage
Vin(diff)
±V
CC
±V
CC
±V
CC
±V
CC
±V
CC
±V
CC
±V
CC
V
Input
voltage
Vin
–0.3 to
+V
CC
–0.3 to
+V
CC
–0.3 to
+V
CC
–0.3 to
+V
CC
–0.3 to
+V
CC
–0.3 to
+V
CC
–0.3 to
+V
CC
V
Output
current
Iout*2
20
20
20
20
20
20
20
mA
Allowable
power
dissipation
P
T
625*1
625*1
625*3
625*3
625*3
625*1
625*3
mW
Operating
temperature
Topr
–20 to
+75
–40 to
+85
–20 to
+75
–40 to
+85
–40 to
+125
–20 to
+75
–20 to
+75
°C
Storage
temperature
Tstg
–55 to
+125
–55 to
+125
–55 to
+125
–55 to
+125
–55 to
+150
–55 to
+125
–55 to
+125
°C
Output pin
voltage
Vout
36
36
36
36
36
36
36
V
Notes: 1. These are the allowable values up to Ta = 50
°C. Derate by 8.3mW/°C above that temperature.
2. These products can be destroyed if the output and V
CC are shorted together.
The maximum
output current is the allowable value for continuous operation.
3. See notes of SOP Package Usage in Reliability section.


Similar Part No. - HA17901PJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17901PJ RENESAS-HA17901PJ Datasheet
282Kb / 13P
   Quadruple Comparators
More results

Similar Description - HA17901PJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
   Quadruple Comparators
HA17901 RENESAS-HA17901 Datasheet
282Kb / 13P
   Quadruple Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
   Quadruple Comparators
HA17339A RENESAS-HA17339A_15 Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
   Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com